Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD4002 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # ISD4002
Description  Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD4002 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ISD4002 Datasheet HTML 14Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 15Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 16Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 17Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 18Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 19Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 20Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 21Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image

14
Voice Solutions in Silicon™
 2  +3 21 45  6 0 2    4     0 +
 2  
Table 12: SPI AC Parameters(1)
Symbol
Characteristics
Min
Max
Units
Conditions
.
 -8! .$6

,4%
.
 &) .$6

,4%
. 
(-( $, -8! .$6

,4%
.
(-( $, &) .$6

,4%
.
8-!8- &(*

,4%
.
8-!8- &(* - 7$O

,4%
.$%&
 I

µ4%
.'(%
>/ $?7 .$6

,4%
.')*+
>/ / .$6

,4%
<
>/ < L8,%*
2




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com