Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57504K0103A009 Datasheet(PDF) 2 Page - TDK Electronics

Part # B57504K0103A009
Description  Probe assemblies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57504K0103A009 Datasheet(HTML) 2 Page - TDK Electronics

  B57504K0103A009 Datasheet HTML 1Page - TDK Electronics B57504K0103A009 Datasheet HTML 2Page - TDK Electronics B57504K0103A009 Datasheet HTML 3Page - TDK Electronics B57504K0103A009 Datasheet HTML 4Page - TDK Electronics B57504K0103A009 Datasheet HTML 5Page - TDK Electronics B57504K0103A009 Datasheet HTML 6Page - TDK Electronics B57504K0103A009 Datasheet HTML 7Page - TDK Electronics B57504K0103A009 Datasheet HTML 8Page - TDK Electronics B57504K0103A009 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Applications
Temperature measurement in household
appliances (e.g. dryers, dish washers, small
appliances)
Features
NTC thermistor potted in a medium-resistant
stainless steel case
Short thermal response time in water
Wire heat-resistant up to 125
°C
(XLPE-insulated wire)
Options
Alternative casing, cable lengths, cable
material (PTFE), R/T characteristics and
connectors available on request.
Delivery mode
Bulk
Dimensional drawing
Dimensions in mm
Approx. weight 2.3 g
General technical data
Climatic category
(IEC 60068-1)
20/125/42
Upper category temperature
(wire)
125
°C
Maximum operating temperature
(sensor head)
Top,max
150
°C
Resistance tolerance
∆R
R/RR
±2
%
Rated temperature
TR
70
°C
Dissipation factor
(in air)
δ
th
approx. 2
mW/K
Thermal time constant
(in water)
τ
a
< 2
s
Insulation resistance
(V = 500 V DC)
Rins
> 100
M
Test voltage
(t = 1 s)
Vtest
1250
V AC
Electrical specification and ordering codes
R70
R25
No. of R/T
characteristic
B25/100
K
Ordering code
2055
10000
7003
3625
±0.8%
B57504K0103A009
Temperature measurement
B57504K
Probe assemblies
K504
Page 2 of 9
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com