Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM19 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM19
Description  2.4V, 10uA, TO-92 Temperature Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM19 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM19 Datasheet HTML 1Page - National Semiconductor (TI) LM19 Datasheet HTML 2Page - National Semiconductor (TI) LM19 Datasheet HTML 3Page - National Semiconductor (TI) LM19 Datasheet HTML 4Page - National Semiconductor (TI) LM19 Datasheet HTML 5Page - National Semiconductor (TI) LM19 Datasheet HTML 6Page - National Semiconductor (TI) LM19 Datasheet HTML 7Page - National Semiconductor (TI) LM19 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
+6.5V to −0.2V
Output Voltage
(V
+ + 0.6 V) to
−0.6 V
Output Current
10 mA
Input Current at any pin (Note 2)
5 mA
Storage Temperature
−65˚C to
+150˚C
Maximum Junction Temperature
(T
JMAX)
+150˚C
ESD Susceptibility (Note 3) :
Human Body Model
2500 V
Machine Model
250 V
Lead Temperature
TO-92 Package
Soldering (3 seconds dwell)
+240˚C
Operating Ratings(Note 1)
Specified Temperature Range:
T
MIN
≤ T
A
≤ T
MAX
2.4 V
≤ V+≤ 2.7 V
−30˚C
≤ T
A
≤ +130˚C
2.7 V
≤ V+≤ 5.5 V
−55˚C
≤ T
A
≤ +130˚C
Supply Voltage Range (V
+)
+2.4 V to +5.5 V
Thermal Resistance,
θ
JA(Note 4)
TO-92
150˚C/W
Electrical Characteristics
Unless otherwise noted, these specifications apply for V
+ = +2.7 V
DC. Boldface limits apply for TA =TJ =TMIN to TMAX ; all
other limits T
A =TJ = 25˚C; Unless otherwise noted.
Parameter
Conditions
Typical
(Note 5)
LM19C
Units
(Limit)
Limits
(Note 6)
Temperature to Voltage Error
V
O = (−3.88x10
−6xT2)
+ (−1.15x10
−2xT) + 1.8639V
(Note 7)
T
A = +25˚C to +30˚C
±2.5
˚C (max)
T
A = +130˚C
±3.5
˚C (max)
T
A = +125˚C
±3.5
˚C (max)
T
A = +100˚C
±3.2
˚C (max)
T
A = +85˚C
±3.1
˚C (max)
T
A = +80˚C
±3.0
˚C (max)
T
A = 0˚C
±2.9
˚C (max)
T
A = −30˚C
±3.3
˚C (min)
T
A = −40˚C
±3.5
˚C (max)
T
A = −55˚C
±3.8
˚C (max)
Output Voltage at 0˚C
+1.8639
V
Variance from Curve
±1.0
˚C
Non-Linearity (Note 8)
−20˚C
≤ T
A
≤ +80˚C
±0.4
%
Sensor Gain (Temperature
Sensitivity or Average Slope)
to equation:
V
O=−11.77 mV/˚CxT+1.860V
−30˚C
≤ T
A
≤ +100˚C
−11.77
−11.0
−12.6
mV/˚C (min)
mV/˚C (max)
Output Impedance
0 µA
≤ I
L
≤ +16 µA
(Notes 10, 11)
160
Ω (max)
Load Regulation(Note 9)
0 µA
≤ I
L
≤ +16 µA
(Notes 10, 11)
−2.5
mV (max)
Line Regulation
+2. 4 V
≤ V+ ≤ +5.0V
+3.7
mV/V (max)
+5.0 V
≤ V+ ≤ +5.5 V
+11
mV (max)
Quiescent Current
+2. 4 V
≤ V+ ≤ +5.0V
4.5
7
µA (max)
+5.0V
≤ V+ ≤ +5.5V
4.5
9
µA (max)
+2.4V
≤ V+ ≤ +5.0V
4.5
10
µA (max)
Change of Quiescent Current
+2. 4 V
≤ V+ ≤ +5.5V
+0.7
µA
Temperature Coefficient of
−11
nA/˚C
Quiescent Current
Shutdown Current
V
+
≤ +0.8 V
0.02
µA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com