Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV1012 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV1012
Description  Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1012 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV1012 Datasheet HTML 1Page - National Semiconductor (TI) LMV1012 Datasheet HTML 2Page - National Semiconductor (TI) LMV1012 Datasheet HTML 3Page - National Semiconductor (TI) LMV1012 Datasheet HTML 4Page - National Semiconductor (TI) LMV1012 Datasheet HTML 5Page - National Semiconductor (TI) LMV1012 Datasheet HTML 6Page - National Semiconductor (TI) LMV1012 Datasheet HTML 7Page - National Semiconductor (TI) LMV1012 Datasheet HTML 8Page - National Semiconductor (TI) LMV1012 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LMV1012 Analog Series:
Pre-Amplified IC’s for High Gain 2-Wire Microphones
General Description
The LMV1012 is an audio amplifier series for small form
factor electret microphones. This 2-wire portfolio is designed
to replace the JFET amplifier currently being used. The
LMV1012 series is ideally suited for applications requiring
high signal integrity in the presence of ambient or RF noise,
such as in cellular communications. The LMV1012 audio
amplifiers are guaranteed to operate over a 2.2V to 5.0V
supply voltage range with fixed gains of 7.8 dB, 15.6 dB,
20.9 dB, and 23.8 dB. The devices offer excellent THD, gain
accuracy and temperature stability as compared to a JFET
microphone.
The LMV1012 series enables a two-pin electret microphone
solution, which provides direct pin-to-pin compatibility with
the existing JFET market.
The devices are offered in extremely thin space saving
4-bump micro SMD packages. The LMV1012XP is designed
for 1.0 mm canisters and thicker ECM canisters. These
extremely miniature packages are designed for electret con-
denser microphones (ECM) form factor.
Features
(Typical LMV1012-15, 2.2V supply, R
L = 2.2 k
Ω, C = 2.2 µF,
V
IN =18mVPP, unless otherwise specified)
n
Supply voltage
2V - 5V
n
Supply current
<180 µA
n
Signal to noise ratio (A-weighted)
60 dB
n
Output voltage noise (A-weighted)
−89 dBV
n
Total harmonic distortion
0.09%
n
Voltage gain
— LMV1012-07
7.8 dB
— LMV1012-15
15.6 dB
— LMV1012-20
20.9 dB
— LMV1012-25
23.8 dB
n
Temperature range
−40˚C to 85˚C
n
Offered in 4-bump micro SMD packages
Applications
n
Cellular phones
n
Headsets
n
Mobile communications
n
Automotive accessories
n
PDAs
n
Accessory microphone products
Schematic Diagram
20058701
Built-In Gain Electret Microphone
20058702
August 2004
© 2004 National Semiconductor Corporation
DS200587
www.national.com


Similar Part No. - LMV1012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV1012 TI1-LMV1012 Datasheet
1Mb / 21P
LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
LMV1012 TI2-LMV1012 Datasheet
640Kb / 23P
LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
REVISED MAY 2013
logo
National Semiconductor ...
LMV1012-07 NSC-LMV1012-07 Datasheet
88Kb / 3P
Analog Pre-Amplified IC?셲 for High Gain Microphones
logo
Texas Instruments
LMV1012TP-25/NOPB TI1-LMV1012TP-25/NOPB Datasheet
1Mb / 21P
LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
LMV1012TP-25/NOPB TI2-LMV1012TP-25/NOPB Datasheet
640Kb / 23P
LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
REVISED MAY 2013
More results

Similar Description - LMV1012

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1012-07 NSC-LMV1012-07 Datasheet
88Kb / 3P
Analog Pre-Amplified IC?셲 for High Gain Microphones
LMV1015 NSC-LMV1015 Datasheet
698Kb / 11P
Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
LMV1024 NSC-LMV1024 Datasheet
1Mb / 17P
PDM Output with Pre-Amplifier for Electret Microphones
logo
Fujikura Ltd.
X3DM-050KPDSR FUJIKURA-X3DM-050KPDSR Datasheet
94Kb / 2P
Pre-amplified/3V Excitation/Differential
logo
National Semiconductor ...
LMV1024 NSC-LMV1024_09 Datasheet
571Kb / 18P
PDM Output with Pre-Amplifier for Electret Microphones
logo
Texas Instruments
TLV1012 TI-TLV1012_10 Datasheet
252Kb / 12P
AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
LMV1022 TI1-LMV1022 Datasheet
612Kb / 20P
PDM Output Pre-Amplifier for Electret Microphones
logo
Fujikura Ltd.
XFGM-6025KPGSR FUJIKURA-XFGM-6025KPGSR Datasheet
427Kb / 5P
Pre-amplified/5V Excitation/Gauge
logo
Texas Instruments
LMV1012 TI1-LMV1012 Datasheet
1Mb / 21P
LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
LMV1015 TI1-LMV1015 Datasheet
845Kb / 14P
LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com