Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3051ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3051ESA
Description  3.3V, 1Mbps, Low-Supply-Current CAN Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3051ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3051ESA Datasheet HTML 1Page - Maxim Integrated Products MAX3051ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3051ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3051ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3051ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3051ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3051ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3051ESA Datasheet HTML 8Page - Maxim Integrated Products MAX3051ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
+3.3V, 1Mbps, Low-Supply-Current
CAN Transceiver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.3V ±5%, RL = 60
Ω, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V and TA =
+25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
TXD, RS, SHDN to GND ...........................................-0.3V to +6V
RXD to GND .............................................................-0.3V to +6V
CANH, CANL to GND..........................................-7.5V to +12.5V
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C)...................470mW
8-Pin SOT23 (derate 9.7mW/°C above +70°C).............774mW
Operating Temperature Range ...........................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature Range (soldering, 10s)......................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Dominant
35
70
Recessive
2
5
mA
Supply Current
IS
Standby
8
15
µA
Shutdown Current
ISHDN
VSHDN = VCC, TXD = VCC or floating
1
µA
Thermal-Shutdown Threshold
VTSH
+160
°C
Thermal-Shutdown Hysteresis
25
°C
TXD INPUT LEVELS
High-Level Input Voltage
VIH
2
VCC +
0.3V
V
Low-Level Input Voltage
VIL
0.8
V
Input Capacitance
CIN
5pF
Pullup Resistor
RINTXD
50
100
k
Ω
CANH, CANL TRANSMITTER
VTXD = VCC, no load
2
2.3
3
V
Recessive Bus Voltage
VCANH,
VCANL
VTXD = VCC, no load, VRS = VCC
(standby mode)
-100
+100
mV
Off-State Output Leakage
-2V < VCANH, VCANL < +7V, SHDN = HIGH
-250
+250
µA
Input Leakage Current
VCC = 0V, VCANH = VCANL = 5V
-250
+250
µA
CANH Output Voltage
VCANH
VTXD = 0V
2.45
V
CANL Output Voltage
VCANL
VTXD = 0V
1.25
V
VTXD = 0V
1.5
3.0
VTXD = 0V, RL = 45
Ω
1.2
3.0
V
VTXD = VCC, no load
-500
+50
Differential Output
(VCANH -
VCANL)
VTXD = VCC, RL = 60
Ω
-120
+12
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com