Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5602IMX Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5602IMX
Description  Dual, High Output, Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5602IMX Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC5602IMX Datasheet HTML 4Page - National Semiconductor (TI) CLC5602IMX Datasheet HTML 5Page - National Semiconductor (TI) CLC5602IMX Datasheet HTML 6Page - National Semiconductor (TI) CLC5602IMX Datasheet HTML 7Page - National Semiconductor (TI) CLC5602IMX Datasheet HTML 8Page - National Semiconductor (TI) CLC5602IMX Datasheet HTML 9Page - National Semiconductor (TI) CLC5602IMX Datasheet HTML 10Page - National Semiconductor (TI) CLC5602IMX Datasheet HTML 11Page - National Semiconductor (TI) CLC5602IMX Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
http://www.national.com
10
Figure 12: Lowpass Filter Topology
Figure 13: Design Equations
This example illustrates a lowpass filter with Q = 0.707
and corner frequency fc = 10MHz. A Q of 0.707 was
chosen to achieve a maximally flat, Butterworth
response. Figure 14 indicates the filter response.
Figure 14: Lowpass Response
Differential Line Driver With Load
Impedance Conversion
The circuit shown in the
Typical Application schematic
on the front page and in Figure 15, operates as a
differential line driver. The transformer converts the load
impedance to a value that best matches the CLC5602’s
output capabilites. The single-ended input signal is
converted to a differential signal by the CLC5602. The
line’s characteristic impedance is matched at both the
input and the output. The schematic shows Unshielded
Twisted Pair for the transmission line; other types of lines
can also be driven.
Figure 15: Differential Line Driver wtih
Load Impedance Conversion
Set up the CLC5602 as a difference amplifier:
Make the best use of the CLC5602’s output drive
capability as follows:
where Req is the transformed value of the load imped-
ance, Vmax is the Output Voltage Range, and Imax is the
maximum Output Current.
Match the line’s characteristic impedance:
Select the transformer so that it loads the line with a
value very near Zo over frequency range. The output
impedance of the CLC5602 also affects the match. With
an ideal transformer we obtain:
Frequency (Hz)
-21
-15
-9
-3
3
1M
10M
100M
Gain
K
1
R
R
Corner frequency
1
RR C C
Q
1
RC
RC
RC
RC
(1 K)
RC
RC
For R
R
R and C
C
C
1
RC
Q
1
(3 K)
f
g
c
12 1 2
22
11
12
21
11
22
12
1
2
c
== +
==
=
++
−
==
=
=
=
=
−
ω
ω
V
V
21
R
R
2
R
R
d
in
f1
g1
f2
g2
=⋅
+
 =⋅
RR
2V
I
meq
max
max
+= ⋅
RZ
RR
n
R
R
Lo
meq
L
eq
=
=
=
Return Loss
20 log
nZ
j
Z
,dB
10
2
o 5602
o
=− ⋅
⋅
()
() ω
+
-
1/2
CLC5602
Rg2
+
Vo
-
-
+
Rt2
Rf2
Rf1
Rg1
1/2
CLC5602
Vin
Rt1
Rm/2
Rm/2
RL
Zo
UTP
Io
Req
1:n
Vd/2
-Vd/2
+
-
Rf
1k
Ω
0.1
µF
C1
Vo
Vin
Rg
5k
Ω
4
0.1
µF
0.1
µF
5k
Ω
3
2
+5V
0.1
µF
100
Ω
1.698k
Ω
R1
158
Ω
R2
158
Ω
C2
100pF
1/2
CLC5602
8
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com