Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2860 Datasheet(PDF) 2 Page - OKI electronic componets

Part # ML2860
Description  16-Tone, 32-Poly Hi-Grade PCM Sound Generator LSI
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2860 Datasheet(HTML) 2 Page - OKI electronic componets

  ML2860 Datasheet HTML 1Page - OKI electronic componets ML2860 Datasheet HTML 2Page - OKI electronic componets ML2860 Datasheet HTML 3Page - OKI electronic componets ML2860 Datasheet HTML 4Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
Wednesday, February 20, 2002
ML2860 SPECIFICATION ver 1.0.0
Oki Electric Industry Co.Ltd.
BLOCK DIAGRAM
FIFO
FIFO
Sequencer
Sound
Generator
WAVE
ROM
FIFO
ADPCM
PWM
GPIO
CLOCK GEN
2.7MHz – 34MHz
BIAS
HPAMP
AOUT
TEST
TESTI
P7-0
CLK
DVDD
AVDD
XTGND
XTVDD
DRVGND
HPOUTL
HPOUTR
[Stereo]
MIXOUT
[mono]
MIXINL
MIXINR
PWM A-D
VIB
PANEL
HPSG
MIXSG
D7-0
CS
RD
WR
ILE
IRQ
IFSEL
0: BUS / 1: Serial
RESET
VDDIO[1.65-DVDD]
PTESTIN2-1
PTESTOUT2-1
TESTO
TYPICAL APPLICATION CIRCUIT
CPU
D7- 0
ADR
WR
RD
Interrupt
ML2860
ADR
D7- 0
CS
WR
RD
IRQ
ILE
HPOUTR
HPOUTL
PORT5-0
MIXINL
MIXOUT
External analog L
MIXINR
External analog R
External analog monaural
MIXSG
+
+
PWMA
PWMB
PWMC
5V
Red LED
Green LED
Blue LED
For system control
HPSG
SP AMP
PWMD
VIB
PANEL
IFSEL
TESTI
PTESTIN2 -1
PTESTOUT2 -1
According to system
According to system
Audio headphone
SOFTWARE SUPPORT (SUBJECT TO AN NON DISCLOSURE AGREEMENT)
a.) Support software for Standard MIDI file format 0/1 playback.
b.) Support software for MCDF (Oki original musical score format) playback.
MCDF:
1) File size compression of musical score from Standard MIDI file
2) Expand function for synchronization between picture, text, LED and MIDI.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com