Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5632 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5632
Description  Dual, High Output, Programmable Gain Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5632 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC5632 Datasheet HTML 1Page - National Semiconductor (TI) CLC5632 Datasheet HTML 2Page - National Semiconductor (TI) CLC5632 Datasheet HTML 3Page - National Semiconductor (TI) CLC5632 Datasheet HTML 4Page - National Semiconductor (TI) CLC5632 Datasheet HTML 5Page - National Semiconductor (TI) CLC5632 Datasheet HTML 6Page - National Semiconductor (TI) CLC5632 Datasheet HTML 7Page - National Semiconductor (TI) CLC5632 Datasheet HTML 8Page - National Semiconductor (TI) CLC5632 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC-VEE)
+14V
Output Current (See note 4)
140mA
Common-Mode Input Voltage
V
EE to VCC
Maximum Junction Temperature
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering 10 sec)
+300˚C
Operating Ratings
Thermal Resistance
Package
(
θ
JC)(θJA)
MDIP
65˚C/W
130˚C/W
SOIC
50˚C/W
145˚C/W
+5 Electrical Characteristics
(A
V = +2, RL = 100Ω,VS = +5V (Note 5), VCM =VEE +(VS/2), RL tied to VCM; Unless Specified).
Symbol
Parameter
Conditions
Typ
Min/Max Ratings
(Note 2)
Units
Ambient Temperature
CLC5632IN/IM
+25˚C
+25˚C
0 to
70˚C
−40 to
85˚C
Frequency Domain Response
-3dB Bandwidth
V
O =0.5VPP
100
70
65
65
MHz
V
O =2.0VPP
90
75
72
70
MHz
−0.1dB Bandwidth
V
O =0.5VPP
23
20
20
16
MHz
Gain Peaking
<200MHz, V
O =0.5VPP
0
0.5
0.9
1.0
dB
Gain Rolloff
<30MHz, V
O =0.5VPP
0.2
0.4
0.6
0.6
dB
Linear Phase Deviation
<30MHz, V
O = 0.5VPP
0.12
0.3
0.4
0.4
deg
Differential Gain
NTSC, R
L = 150Ω to
−1V
0.05
–
–
–
%
Differential Phase
NTSC, R
L=150Ω to
−1V
0.15
–
–
–
deg
Time Domain Response
Rise and Fall Time
2V Step
4.8
6.4
6.8
7.3
ns
Settling Time to 0.05%
1V Step
20
24
40
60
ns
Overshoot
2V Step
5
7
11
14
%
Slew Rate
2V Step
290
170
150
140
V/µs
Distortion And Noise Response
2nd Harmonic Distortion
2V
PP, 1MHz
−72
−69
−66
−66
dBc
2V
PP, 1MHz; RL =1kΩ
−77
−75
−72
−72
dBc
2V
PP, 5MHz
−63
−56
−52
−52
dBc
3rd Harmonic Distortion
2V
PP,1MHz
−85
−82
−79
−79
dBc
2V
PP, 1MHz; RL =1kΩ
−81
−78
−75
−75
dBc
2V
PP, 5MHz
−66
−60
−58
−58
dBc
Equivalent Input Noise
Voltage (e
ni)
>1MHz
3.4
4.4
4.9
4.9
nV/
Non-Inverting Current (i
bn)
>1MHz
6.3
8.2
9.0
9.0
pA/
Inverting Current (i
bi)
>1MHz
8.7
11.3
12.4
12.4
pA/
Crosstalk (Input Referred)
10MHz, 1V
PP
−80
–
–
–
dB
Static, DC Performance
Input Offset Voltage (Note 3)
13
30
35
35
mV
Average Drift
80
–
–
–
µV/˚C
Input Bias Current
(Non-Inverting) (Note 3)
5
182424
µA
Average Drift
30
–
–
–
nA/˚C
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com