Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5633 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5633
Description  Triple, High Output, Programmable Gain Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5633 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC5633 Datasheet HTML 3Page - National Semiconductor (TI) CLC5633 Datasheet HTML 4Page - National Semiconductor (TI) CLC5633 Datasheet HTML 5Page - National Semiconductor (TI) CLC5633 Datasheet HTML 6Page - National Semiconductor (TI) CLC5633 Datasheet HTML 7Page - National Semiconductor (TI) CLC5633 Datasheet HTML 8Page - National Semiconductor (TI) CLC5633 Datasheet HTML 9Page - National Semiconductor (TI) CLC5633 Datasheet HTML 10Page - National Semiconductor (TI) CLC5633 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
+5V Typical Performance Characteristics (Continued)
PSRR & CMRR
Frequency (Hz)
1k
10k
100M
0
10
20
30
40
50
60
100k
1M
10M
PSRR
CMRR
DS015005-10
Equivalent Input Noise
Frequency (Hz)
3.6
3.5
3.4
10k
100k
1M
10M
3.3
3.2
Non-Inverting Current 7pA/
√Hz
Inverting Current 8.7pA/
√Hz
Voltage 3.35nV/
√Hz
10
12.5
7.5
2.5
5
DS015005-11
2nd & 3rd Harmonic Distortion
Frequency (Hz)
1M
10M
-100
-90
-80
-70
-50
-60
2nd
RL = 1kΩ
2nd
RL = 100Ω
3rd
RL = 100Ω
3rd
RL = 1kΩ
Vo = 2Vpp
DS015005-12
2nd & 3rd Harmonic Distortion, R
L =25Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-80
-70
-60
-50
-40
2nd, 10MHz
3rd, 1MHz
2nd, 1MHz
3rd, 10MHz
DS015005-13
2nd & 3rd Harmonic Distortion, R
L = 100Ω
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-95
-85
-75
-65
-55
3rd, 10MHz
2nd, 1MHz
2nd, 10MHz
3rd, 1MHz
DS015005-14
2nd & 3rd Harmonic Distortion, R
L =1kΩ
Output Amplitude (Vpp)
0
0.5
1
1.5
2
2.5
-90
-100
-110
-80
-70
-60
-50
3rd, 10MHz
2nd, 1MHz
2nd, 10MHz
3rd, 1MHz
DS015005-15
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com