Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5644 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5644
Description  Low-Power, Low-Cost, Quad Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5644 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  CLC5644 Datasheet HTML 1Page - National Semiconductor (TI) CLC5644 Datasheet HTML 2Page - National Semiconductor (TI) CLC5644 Datasheet HTML 3Page - National Semiconductor (TI) CLC5644 Datasheet HTML 4Page - National Semiconductor (TI) CLC5644 Datasheet HTML 5Page - National Semiconductor (TI) CLC5644 Datasheet HTML 6Page - National Semiconductor (TI) CLC5644 Datasheet HTML 7Page - National Semiconductor (TI) CLC5644 Datasheet HTML 8Page - National Semiconductor (TI) CLC5644 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Typical Performance Characteristics (A
V = +2, Rf = 1.65kΩ,RL = 100Ω,VS = +5V) (Continued)
Most Susceptible Channel Pulse Coupling
Time (20ns/div)
Active Channel
Inactive Channel
DS015009-15
Channel to Channel Gain Matching
Frequency (Hz)
1M
10M
-45
0
-90
-225
-135
-180
Channel 1
100M
Channel 2
Channel 4
Channel 3
DS015009-16
Equivalent Input Noise
Frequency (Hz)
1k
100k
10
100
1
10
100
1
Inverting Current = 10pA/
√Hz
Voltage = 4.5nV/
√Hz
Non-Inverting
Current = 1.5pA/
√Hz
100M
100
10k
1M
10M
DS015009-17
Open-Loop Transimpedance Gain, Z(s)
Frequency (Hz)
10k
1M
0
20
40
60
80
100
120
140
160
180
200
30
40
50
60
70
80
90
100
110
120
130
Gain
100M
1k
100k
10M
Phase
DS015009-18
PSRR and CMRR
Frequency (Hz)
100k
10
20
30
40
50
60
CMRR
100M
10k
1M
10M
PSRR
DS015009-19
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com