Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2211-2.8/2.5BML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2211-2.8/2.5BML
Description  Dual UCap LDO in 3mm 횞 3mm MLF?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2211-2.8/2.5BML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2211-2.8/2.5BML Datasheet HTML 1Page - Micrel Semiconductor MIC2211-2.8/2.5BML Datasheet HTML 2Page - Micrel Semiconductor MIC2211-2.8/2.5BML Datasheet HTML 3Page - Micrel Semiconductor MIC2211-2.8/2.5BML Datasheet HTML 4Page - Micrel Semiconductor MIC2211-2.8/2.5BML Datasheet HTML 5Page - Micrel Semiconductor MIC2211-2.8/2.5BML Datasheet HTML 6Page - Micrel Semiconductor MIC2211-2.8/2.5BML Datasheet HTML 7Page - Micrel Semiconductor MIC2211-2.8/2.5BML Datasheet HTML 8Page - Micrel Semiconductor MIC2211-2.8/2.5BML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MIC2211
Micrel
M9999-090204
2
August 2004
Ordering Information
Part Number
Manufacturing Number
Standard
Pb-Free
Voltage*
Temp. Range
Package
MIC2211-ADJ/ADJBML
MIC2211-AA BML
Contact Micrel
ADJ/ADJ
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-1.5/1.8BML
MIC2211-FGBML
Contact Micrel
1.5V/1.8V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-1.5/2.8BML
MIC2211-FMBML
MIC2211-FMYML
1.5V/2.8V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-1.5/3.1BML
MIC2211-FQBML
Contact Micrel
1.5V/3.1V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-1.6/2.8BML
MIC2211-WMBML
Contact Micrel
1.6V/2.8V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-1.6/2.9BML
MIC2211-WOBML
Contact Micrel
1.6V/2.9V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-1.6/3.3BML
MIC2211-WSBML
MIC2211-WSYML
1.6V/3.3V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-1.8/2.8BML
MIC2211-GMBML
MIC2211-GMYML
1.8V/2.8V –40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-1.8/2.9BML
MIC2211-GOBML
MIC2211-GOYML
1.8V/2.9V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-1.8/3.0BML
MIC2211-GPBML
MIC2211-GPYML
1.8V/3.0V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-1.8/3.3BML
MIC2211-GSBML
MIC2211-GSYML
1.8V/3.3V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-1.9/2.8BML
MIC2211-YMBML
Contact Micrel
1.9V/2.8V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-2.5/1.8BML
MIC2211-JGBML
Contact Micrel
2.5V/1.8V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-2.5/1.9BML
MIC2211-JYBML
MIC2211-JYYML
2.5V/1.9V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-2.5/2.8BML
MIC2211-JMBML
MIC2211-JMYML
2.5V/2.8V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-2.5/3.0BML
MIC2211-JPBML
MIC2211-JPYML
2.5V/3.0V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-2.5/3.3BML
MIC2211-JSBML
MIC2211-JSYML
2.5V/3.3V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-2.8/1.5BML
MIC2211-MFBML
Contact Micrel
2.8V/1.5V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-2.8/1.8BML
MIC2211-MGBML
Contact Micrel
2.8V/1.8V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-2.8/2.5BML
MIC2211-MJBML
Contact Micrel
2.8V/2.5V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-2.8/3.0BML
MIC2211-MPBML
Contact Micrel
2.8V/3.0V –40
°C to +125°C
10-Pin 3
×3 MLF™
MIC2211-2.8/3.3BML
MIC2211-MSBML
MIC2211-MSYML
2.8V/3.3V –40
°C to +125°C
10-Pin 3
×3 MLF™
MIC2211-2.85/3.3BML
MIC2211-NSBML
Contact Micrel
2.85V/3.3V –40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-2.85/2.85BML
MIC2211-NNBML
Contact Micrel
2.85V/2.85V –40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-2.9/1.5BML
MIC2211-OFBML
Contact Micrel
2.9V/1.5V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-3.0/1.6BML
MIC2211-PWBML
Contact Micrel
3.0V/1.6V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-3.0/2.8BML
MIC2211-PMBML
MIC2211-PMYML
3.0V/2.8V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-3.0/3.0BML
MIC2211-PPBML
MIC2211-PPYML
3.0V/3.0V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-3.0/3.3BML
MIC2211-PSBML
MIC2211-PSYML
3.0V/3.3V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-3.3/2.8BML
MIC2211-SMBML
Contact Micrel
3.3V/2.8V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-3.3/3.3BML
MIC2211-SSBML
Contact Micrel
3.3V/3.3V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-1.5/3.1BML
MIC2211-FQBML
Contact Micrel
1.5V/3.1V
–40
°C to +125°C 10-Pin 3×3 MLF™
MIC2211-3.6/3.6BML
MIC2211-WBML
Contact Micrel
3.6V/3.6V
–40
°C to +125°C 10-Pin 3×3 MLF™
*For other output voltage options, contact Micrel marketing.
Pin Configuration
1
VIN
EN1
EN2
BYP
NC
10 VOUT1
VOUT2
NC
NC
GND
9
8
7
6
2
3
4
5
10-Pin 3mm
××××× 3mm MLF™ (ML)
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com