Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2211-2.85/3.3BML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2211-2.85/3.3BML
Description  Dual UCap LDO in 3mm 횞 3mm MLF?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2211-2.85/3.3BML Datasheet(HTML) 9 Page - Micrel Semiconductor

  MIC2211-2.85/3.3BML Datasheet HTML 1Page - Micrel Semiconductor MIC2211-2.85/3.3BML Datasheet HTML 2Page - Micrel Semiconductor MIC2211-2.85/3.3BML Datasheet HTML 3Page - Micrel Semiconductor MIC2211-2.85/3.3BML Datasheet HTML 4Page - Micrel Semiconductor MIC2211-2.85/3.3BML Datasheet HTML 5Page - Micrel Semiconductor MIC2211-2.85/3.3BML Datasheet HTML 6Page - Micrel Semiconductor MIC2211-2.85/3.3BML Datasheet HTML 7Page - Micrel Semiconductor MIC2211-2.85/3.3BML Datasheet HTML 8Page - Micrel Semiconductor MIC2211-2.85/3.3BML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
August 2004
9
M9999-080204
MIC2211
Micrel
Package Information
0.20 dia
0.48 typ.
3.00 BSC.
1.50 BSC.
PIN 1 ID
0.85
3.00 BSC.
TOP
BOTTOM
ODD TERMINAL SIDE
EVEN TERMINAL SIDE
TERMINAL TIP
TERMINAL TIP
1.50 BSC.
1
2
3
1
2
3
—0.05
+0.15
0.01
0.50 BSC.
0.50 BSC.
0.50 BSC.
—0.01
+0.04
0.23 —0.05
+0.07
0.23 —0.05
+0.07
0.01 —0.01
+0.04
0.40 —0.05
+0.15
1.60 —0.15
+0.15
0.80 —0.15
+0.15
2.30 —0.15
+0.15
1.15 —0.15
+0.15
SEATING PLANE
10-Lead MLF™ (ML)
MICREL, INC.
1849 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2004 Micrel, Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com