Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM133 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # DM133
Description  CMOS Compatible Input/Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM133 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  DM133 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DM133
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-3-
Version
:A.024
Block Diagram
Pin Description
SDIP No.
PIN NAME
FUNCTION
1
VDD
Supply voltage terminal.
2
ENABLE
Input terminal of output enable (active low), all outputs are off when ENABLE
is high.
3
LATCH
Input terminal of data strobe. Data is latched when LATCH is low. And data on
shift register goes through when LATCH is high.
4
CLOCK
Input terminal of a clock for shift register. Data is sampled at the rising edge of
CLOCK.
5
SERIAL_IN
Input terminal of a data shift register.
6
DATASEL
Input terminal of a data path selection for output current on/off or global
current adjustment
7~22
OUT0~15
Output terminals with constant current.
23
SERIAL-OUT Output terminal of a data shift register.
24
ALARM
Output open drain terminal for an alarm function. It will go low as LED
open/short or chip overheated.
25
SOMODE
Input terminal of a data output trigger mode selection
26
REXT
Input terminal of an external resistor. The current flows through the resistor
from REXT to ground will be the reference base current of output sink current.
27
RESERVED
Terminal for testing, user should leave this pin open.
28
GND
Ground terminal
SERIAL_IN
6 bits Shift
Register
10 bits Shift Register
Serial_out
Selector
16 bits Latch
6 bits Latch
16 bits Constant
Current Driver
Global Current
Controller
Voltage
Reference
LED Open Detection
Thermal
Alarm
CLOCK
LATCH
SOMODE
SERIAL_OUT
REXT
OUT0
OUT15
ALARM
DATASEL
Channel
Selector
ENABLE
6bit data
Channel
Selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com