Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM13A-E Datasheet(PDF) 21 Page - Silicon Touch Technology Inc.

Part # DM13A-E
Description  Minimum constant-current outputs: 0.3mA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13A-E Datasheet(HTML) 21 Page - Silicon Touch Technology Inc.

Back Button DM13A-E Datasheet HTML 15Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 16Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 17Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 18Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 19Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 20Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 21Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 22Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 23Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Low Power 16-bit Constant Current LED Driver
Version:Pre.003
Page 20
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13A-E
SOP24B
DIMENSIONS IN MM
SYMBOLS
MIN.
TYP.
MAX.
A
-
-
1.900
A1
0.050
0.100
0.200
A2
1.300
1.500
1.700
b
0.300
0.400
0.500
c
0.100
0.150
0.250
D
12.800
13.000
13.200
E
7.700
8.000
8.300
e
1.000 BSC
E1
5.800
6.000
6.200
L
0.250
0.450
0.650
θ°
0
-
10
Package Outline Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com