Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM13H Datasheet(PDF) 13 Page - Silicon Touch Technology Inc.

Part # DM13H
Description  Maximum output voltage: 17V
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13H Datasheet(HTML) 13 Page - Silicon Touch Technology Inc.

Back Button DM13H Datasheet HTML 9Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 10Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 11Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 12Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 13Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 14Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 15Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 16Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 17Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
16-Channel Constant Current LED Driver with Error Detection
Version:A.004
Page 12
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13H
CD Mode Data Format
a. Global Brightness Control
DM13H offers a convenient way to fine tune the whole chip output currents for the
uniformity of brightness between modules, ICs or the accomodation to ambient light. To
further adjust the current level linearly, the system shall enter the CD MODE and then shift
in 7-bit GBC data code through DAI pin. The MSB should be shifted-in first. Take the input
code. G[6:0]= (MSB)1001011(LSB) for example. The new current is then equal to the base
current multiplied by the ratio
128
1)
2
2
2
2
(
0
1
3
6
+
+
+
+
. The 7-bit data won’t be changed until the
next new data is latched. Note that the default code 7’b1000000 exists in chip memory
when power on, so the output current is equal to the half of base current.
b. Short detection voltage level selection
DM13H provides 2 voltage levels in coordination with LED short detection on system.
VCC voltage level is the default value while power-on. DAO will send an error signal = H if
the output voltage is greater than a respectively predetermined threshold value.
SV
Short Voltage
0
5/6 * VCC
1
VCC (default)
c. Sleep mode
When SLP=1, DM13H will enter sleep mode, all outputs turn off and the IDD of DM13H
will drop down to less than 5uA. This function is especially designed for battery or solar
powered system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com