Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM621 Datasheet(PDF) 16 Page - Silicon Touch Technology Inc.

Part # DM621
Description  4 x 3(R/G/B) Output Channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM621 Datasheet(HTML) 16 Page - Silicon Touch Technology Inc.

Back Button DM621 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 17Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 18Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 19Page - Silicon Touch Technology Inc. DM621 Datasheet HTML 20Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
12-Channels Pre-programmable Constant Current LED Driver
Version:A.006
Page 15
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM621
Driver Output Current
Constant-current value of each output channel is set by an external resistor, which is
connected between the REXT pin and GND. Varying the resistor value can adjust the
current scale ranging from 5mA to 90mA. The reference voltage (Vrext) of REXT
terminal is approximately 1.23V. The constant current formula is
100
*
)
(
Re
23
.
1
100
*
)
(
Re
)
(
)
(
Ω
=
Ω
=
k
xt
V
k
xt
V
Vrext
mA
IOUT
Figure 14.
IOUT V.S. VOUT curve
Figure 15.
IOUT V.S. Rext curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com