Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2221A Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # ST2221A
Description  5V CMOS Compatible Input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST2221A Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button ST2221A Datasheet HTML 3Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 4Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 5Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 6Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 7Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 8Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 9Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 10Page - Silicon Touch Technology Inc. ST2221A Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
ST2221A
8-BIT CONSTANT CURRENT LED DRIVERS
Version:A.036
Page: 6
Electrical Characteristics (VDD = 5.0 V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Voltage “H” Level
VIH
⎯
0.7VDD
⎯
VDD
Input Voltage “L” Level
VIL
⎯
GND
⎯
0.3VDD
V
Output Leakage Current
IOH
VOH = 7.5 V
⎯
⎯
1.0
uA
VOL
IOL = 1.0 mA
⎯
⎯
0.4
Output Voltage ( S - OUT)
VOH
IOH = -1.0 mA
4.6
⎯
⎯
V
IOL1
VOUT = 0.7
±0.25V
REXT = 910
Ω
⎯
3
6
%
Output Current (Bit-Bit)
IOL2
VOUT = 0.7
±0.25V
REXT = 360
Ω
⎯
3
6
%
IOL3
VOUT = 0.7V
REXT = 910
Ω
⎯
5
10
%
Output Current (Chip-Chip)
IOL4
VOUT = 0.7V
REXT = 360
Ω
⎯
5
10
%
Supply Voltage Regulation
% / VDD
REXT = 470
Ω, Ta = -40 ~ 85°C
⎯
1.5
5.0
% / V
Pull-Up Resistor
RIN(up)
⎯
150
300
600
K
Ω
Pull-Down Resistor
RIN(down)
⎯
100
200
400
K
Ω
IDD(off)1
REXT = OPEN, OUT0~7 = off
⎯
0.3
0.6
IDD(0ff)2
REXT = 470
Ω, OUT0~7 = off
4.0
5.6
7.8
Supply Current “OFF”
IDD(off)3
REXT = 250
Ω, OUT0~7 = off
7.3
10.2
14.3
IDD(on)1
REXT = 470
Ω, OUT0~7 = on
4.0
5.6
7.8
Supply Current “ON”
IDD(on)2
REXT = 250
Ω, OUT0~7 = on
7.3
10.2
14.3
mA
Switching Characteristics (Ta = 25 °C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
SIN-OUTn
⎯
115
230
LATCH-OUTn
⎯
115
230
ENABLE-OUTn
⎯
115
230
Propagation
Delay Time
(“L” to “H”)
CLK-SOUT
tpLH
⎯
15
20
ns
SIN-OUTn
⎯
120
160
LATCH-OUTn
⎯
120
160
ENABLE-OUTn
⎯
120
160
Propagation
Delay Time
(“H” to “L”)
CLK-SOUT
tpHL
⎯
15
20
ns
Output Current Rise Time
tor
70
140
280
ns
Output Current Fall Time
tof
VDD=5.0V
VIH=VDD
VIL=GND
REXT=470
Ω1
VL=3.0V
RL=65
Ω
CL=13pF
55
110
220
ns
1 Delay Time tpLH and Rise Time tor will both increase as the Rext value increased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com