Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VM149D Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # VM149D
Description  Programmable sinking output current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

VM149D Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  VM149D Datasheet HTML 1Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 2Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 3Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 4Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 5Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 6Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 7Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 8Page - Silicon Touch Technology Inc. VM149D Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
120mA, 10Bit Current Sinking VCM Driver with I
2C Interface
Version:A.003
Page1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
VM149D
120mA, 10-Bit Current Sinking VCM Driver
with I
2C Interface
General Specifications
The VM149D is a VCM (Voice Coil Motor) driver IC with I2C interface control that is capable
of programmable sinking output current. It has a built-in internal voltage reference and
operates with a supply voltage range from 2.3V to 3.6V. The DAC is controlled by a signal
transmit through a 2-wire I2C serial interface which operates in an I2C fast mode (400 kHz).
The VM149D is designed for applications such as image stabilization, autofocus in camera
phones, and other portable devices.
Features and Benefits
Programmable sinking output current
I2C serial interface
DAC with 10-bit resolution
2.3V – 3.6V power source
Selective Output Slew Rate Control (SRC)
Low voltage control for digital pin PS, SDA, and SCL
Power saving mode
Automatic power on reset
Ultra small package: WLCSP (0.805mm*1.295mm*0.35mm)
Ordering Information
Part Number
Package
Marking
VM149D
WLCSP, 6Pin
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com