Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5665IN Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5665IN
Description  Low Distortion Amplifier with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5665IN Datasheet(HTML) 7 Page - National Semiconductor (TI)

  CLC5665IN Datasheet HTML 1Page - National Semiconductor (TI) CLC5665IN Datasheet HTML 2Page - National Semiconductor (TI) CLC5665IN Datasheet HTML 3Page - National Semiconductor (TI) CLC5665IN Datasheet HTML 4Page - National Semiconductor (TI) CLC5665IN Datasheet HTML 5Page - National Semiconductor (TI) CLC5665IN Datasheet HTML 6Page - National Semiconductor (TI) CLC5665IN Datasheet HTML 7Page - National Semiconductor (TI) CLC5665IN Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
http://www.national.com
CCD Clock Driver
Figure 9: CCD Clock Driver
Reliability Information
Transistor Count
38
Package Thermal Resistance
Package
θθ
JC
θθ
JA
Plastic (IN)
65
°C/W
130
°C/W
Surface Mount (IM)
50
°C/W
145
°C/W
Ordering Information
Model
Temperature Range
Description
CLC5665IN
-40
°C to +85°C
8-pin PDIP
CLC5665IM
-40
°C to +85°C
8-pin SOIC
CLC5665IMX
-40
°C to +85°C
8-pin SOIC tape and reel
RT
Rg
RRf
CLC5665
+
-
Vin
Voffset
Vo
Rs
CL
Frequency (ns)
14
-14
-10
-6
-2
2
6
10
0
100
200
50
150



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com