Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5956 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5956
Description  12-bit, 65 MSPS Broadband Monolithic A/D Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5956 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC5956 Datasheet HTML 1Page - National Semiconductor (TI) CLC5956 Datasheet HTML 2Page - National Semiconductor (TI) CLC5956 Datasheet HTML 3Page - National Semiconductor (TI) CLC5956 Datasheet HTML 4Page - National Semiconductor (TI) CLC5956 Datasheet HTML 5Page - National Semiconductor (TI) CLC5956 Datasheet HTML 6Page - National Semiconductor (TI) CLC5956 Datasheet HTML 7Page - National Semiconductor (TI) CLC5956 Datasheet HTML 8Page - National Semiconductor (TI) CLC5956 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CLC5956
12-bit, 65 MSPS Broadband Monolithic A/D Converter
General Description
The
CLC5956
is
a
monolithic
12-bit,
65
MSPS
analog-to-digital converter subsystem. The device has been
optimized for use in cellular base stations and other applica-
tions where high resolution, high sampling rate, wide dy-
namic range, low power dissipation, and compact size are
required. The CLC5956 features differential analog inputs,
low jitter differential PECL clock inputs, a low distortion
track-and-hold with DC to 300 MHz input bandwidth, a band-
gap voltage reference, TTL compatible CMOS output logic,
and a proprietary 12-bit multi-stage quantizer. The CLC5956
is fabricated on the ABIC-IV 0.8 micron BiCMOS process.
The part features a 73 dB spurious free dynamic range
(SFDR) and 67 dB SNR. The wideband track-and-hold al-
lows sampling of IF signals to greater than 250 MHz. The
part produces two-tone, dithered, spurious-free dynamic
range of 83 dBFS at 75 MHz input frequency. The differential
analog input provides excellent common-mode rejection,
while the differential PECL clock inputs permit the use of bal-
anced transmission to minimize jitter in distributed systems.
The 48-pin TSSOP package provides an extremely small
footprint for applications where space is a critical consider-
ation. The CLC5956 operates from a single +5V power sup-
ply over the industrial temperature range of −40˚C to +85˚C.
National thoroughly tests each part to verify full compliance
with the guaranteed specifications.
Features
n Wide dynamic range
n IF sampling capability
n 300 MHz input bandwidth
n Small 48-pin TSSOP
n Single +5V supply
n Low cost
Key Specifications
n Sample Rate
65 MSPS
n SFDR
73 dBc
n SFDR with dither
85 dBFS
n SNR
67 dB
n Low power consumption
615 mW
Applications
n Cellular base-stations
n Digital communications
n Infrared/CCD imaging
n IF sampling
n Electro-optics
n Instrumentation
n Medical imaging
n High definition video
Block Diagram
DS015011-2
June 1999
© 1999 National Semiconductor Corporation
DS015011
www.national.com


Similar Part No. - CLC5956

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5955 NSC-CLC5955 Datasheet
222Kb / 10P
11-bit, 55MSPS Broadband Monolithic A/D Converter
CLC5955MTDX NSC-CLC5955MTDX Datasheet
222Kb / 10P
11-bit, 55MSPS Broadband Monolithic A/D Converter
CLC5957 NSC-CLC5957 Datasheet
631Kb / 12P
12-bit, 70MSPS Broadband Monolithic A/D Converter
CLC5957 NSC-CLC5957 Datasheet
1Mb / 16P
12-Bit, 70MSPS Broadband Monolithic A/D Converter
logo
Texas Instruments
CLC5957 TI2-CLC5957 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
More results

Similar Description - CLC5956

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5957 NSC-CLC5957 Datasheet
631Kb / 12P
12-bit, 70MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD6640 AD-AD6640 Datasheet
488Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
AD9244 AD-AD9244 Datasheet
1Mb / 36P
14-Bit, 40/65 MSPS Monolithic A/D Converter
6/03-Data Sheet changed from REV. 0 to REV. A
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
12-Bit, 65 MSPS A/D Converter
1998 06
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
12-Bit, 65/80 MSPS A/D Converter
CLC5957 NSC-CLC5957_02 Datasheet
1Mb / 16P
12-Bit, 70MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD10265 AD-AD10265_15 Datasheet
2Mb / 24P
Dual Channel, 12-Bit, 65 MSPS A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com