Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5665IMX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5665IMX
Description  Low Distortion Amplifier with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5665IMX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC5665IMX Datasheet HTML 1Page - National Semiconductor (TI) CLC5665IMX Datasheet HTML 2Page - National Semiconductor (TI) CLC5665IMX Datasheet HTML 3Page - National Semiconductor (TI) CLC5665IMX Datasheet HTML 4Page - National Semiconductor (TI) CLC5665IMX Datasheet HTML 5Page - National Semiconductor (TI) CLC5665IMX Datasheet HTML 6Page - National Semiconductor (TI) CLC5665IMX Datasheet HTML 7Page - National Semiconductor (TI) CLC5665IMX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
s
0.1dB gain flatness to 20MHz (Av = +2)
s
90MHz bandwidth (Av = +1)
s
Large signal BW 25MHz
s
1800V/
µs slew rate
s
0.05%/0.05° differential gain/phase
s
±5V, ±15V or single supplies
s
200ns disable to high-impedance output
s
Wide gain range
s
-89/-92dBc HD2/HD3 (RL = 500Ω)
s
Low cost
Applications
s
xDSL driver
s
Twisted pair driver
s
Cable driver
s
Video distribution
s
CCD clock driver
s
Multimedia systems
s
DAC output buffers
s
Imaging systems
1
2
3
4
NC
V
V
-V
inv
non-inv
cc
DIS
+V
V
NC
cc
out
8
7
6
5
-
+
+
-
CLC5665
-
+
Rf1
604
Ω
Rg
1.2k
Ω
CLC5665
+
-
Ro
Ro
Rf2
604
Ω
RL
1:n
Vin (Vpp)
Vo = 2Vin
nVo
Note: Supply and Bypassing not shown.
DIS
DIS
Typical Application
Differential Line Driver for xDSL
Pinout
DIP & SOIC
General Description
The CLC5665 is a low-cost, wideband amplifier that provides very
low 2nd and 3rd harmonic distortion at 1MHz (-89/-92dBc). The
great slew rate of 1800V/
µs, bandwidth of 90MHz (A
v = +1) and
fast disable make it an excellent choice for many high speed
multiplexing applications. Like all current feedback op amps, the
CLC5665 allows the frequency response to be optimized
(or adjusted) by the selection of the feedback resistor. For
demanding video applications, the 0.1dB bandwidth to 20MHz
and differential gain/phase of 0.05%/0.05° make the CLC5665
the preferred component for broadcast quality NTSC and PAL
video systems.
The large voltage swing (28Vpp), continuous output current
(85mA) and slew rate (1800V/
µs) provide high-fidelity signal
conditioning for applications such as CCDs, transmission lines
and low impedance circuits.
xDSL, video distribution, multimedia and general purpose
applications will benefit from the CLC5665’s wide bandwidth and
disable feature. Power is reduced and the output becomes a high
impedance when disabled. The wide gain range of the CLC5665
makes this general purpose op amp an improved solution for
circuits such as active filters, single-to-differential-ended drivers,
DAC transimpedance amplifiers and MOSFET drivers.
Non-Inverting Frequency Response
Frequency (MHz)
1
10
100
Gain
-90
0
-180
-45
-135
Phase
Av = 2
Rf = 604
Av = 1
Rf = 698
Av = 10
Rf = 100
Av = 50
Rf = 500
Av = 1
Av = 2
Av = 10
Av = 50
CLC5665
Low Distortion Amplifier with Disable
N
June 1999
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC5665IMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5602 NSC-CLC5602 Datasheet
182Kb / 12P
Dual, High Output, Video Amplifier
CLC5602IM NSC-CLC5602IM Datasheet
182Kb / 12P
Dual, High Output, Video Amplifier
CLC5602IMX NSC-CLC5602IMX Datasheet
182Kb / 12P
Dual, High Output, Video Amplifier
CLC5602IN NSC-CLC5602IN Datasheet
182Kb / 12P
Dual, High Output, Video Amplifier
CLC561 NSC-CLC561 Datasheet
830Kb / 16P
Wideband, Low Distortion DriveR-Amps
More results

Similar Description - CLC5665IMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
OPA3684 BURR-BROWN-OPA3684 Datasheet
469Kb / 26P
Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA890 BURR-BROWN-OPA890 Datasheet
901Kb / 32P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2890 TI-OPA2890 Datasheet
780Kb / 35P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Cadeka Microcircuits LL...
CLC1003 CADEKA-CLC1003 Datasheet
1Mb / 16P
Low Distortion, Low Offset, RRIO Amplifier
logo
Texas Instruments
OPA683IDBVR TI-OPA683IDBVR Datasheet
1Mb / 31P
Very Low-Power, Current Feedback RATIONAL AMPLIFIER With Disable
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
OPA890 NSC-OPA890 Datasheet
1Mb / 34P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com