Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5802IMX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5802IMX
Description  Dual Low-Noise, Voltage Feedback Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5802IMX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC5802IMX Datasheet HTML 1Page - National Semiconductor (TI) CLC5802IMX Datasheet HTML 2Page - National Semiconductor (TI) CLC5802IMX Datasheet HTML 3Page - National Semiconductor (TI) CLC5802IMX Datasheet HTML 4Page - National Semiconductor (TI) CLC5802IMX Datasheet HTML 5Page - National Semiconductor (TI) CLC5802IMX Datasheet HTML 6Page - National Semiconductor (TI) CLC5802IMX Datasheet HTML 7Page - National Semiconductor (TI) CLC5802IMX Datasheet HTML 8Page - National Semiconductor (TI) CLC5802IMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
±7V
Short Circuit Current
(Note 3)
Common-Mode Input Voltage
±V
CC
Differential Input Voltage
±10V
Maximum Junction Temperature
+125˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature (soldering 10 sec)
+300˚C
Operating Rating(Note 1)
Thermal Resistance (
θ
JC)
40˚C/W
Thermal Resistance (
θ
JA)
115˚C/W
Temperature Range
−40˚C to +85˚C
Supply Voltage Range
5V to 12V
Electrical Characteristics
(T
A = +25˚C, VCC = ±5V, AV = +2V/V, Rf = 100Ω,Rg = 100Ω,RL= 100Ω; unless specified).
Symbol
Parameter
Conditions
Typ
Min/Max Ratings
(Note 2)
Units
+25˚C
+25˚C
0˚C to
+70˚C
−40˚C
to
+85˚C
Frequency Domain Response
GBW
Gain Bandwidth Product
V
OUT < 0.5VPP
120
90
MHz
SSBW
−3dB Bandwidth (A
V = +1)
V
OUT < 0.5VPP
140
110
−3dB Bandwidth (A
V = +2)
V
OUT < 0.5VPP
75
50
LSBW
−3dB Bandwidth
V
OUT < 5.0VPP
40
25
GFP
Gain Flatness Peaking
DC to 200MHz, V
OUT < 0.5
V
PP
0.0
0.6
dB
GFR
Gain Flatness Rolloff
DC to 20MHz, V
OUT < 0.5
V
PP
0.05
0.5
dB
LPD
Linear Phase Deviation
DC to 20MHz
0.2
1.0
Deg
Time Domain Response
TRS
Rise and Fall Time
1V step
6
8
ns
TSS
Settling Time
2V step to 0.1%
18
22
ns
OS
Overshoot
1V step
1
5
%
SR
Slew Rate
5V step
450
275
V/µs
Distortion And Noise Response
HD2
2nd Harmonic Distortion
1V
PP, 5MHz
−69
−57
dBc
HD3
3rd Harmonic Distortion
1V
PP, 5MHz
−66
−54
dBc
VN
Equivalent Input Noise Voltage
1MHz to 100MHz
4.0
4.5
nV/
ICN
Equivalent Input Noise Current
1MHz to 100MHz
2.0
3.0
pA/
CT
Crosstalk
Input referred, 10MHz
−61
−58
dB
Static, DC Performance
AOL
Open-Loop Gain
DC
60
56
50
50
dB
VIO
Input Offset Voltage (Note 4)
±1.0
±2.0
±3.0
±3.5
mV
DVIO
Offset Voltage Average Drift
5
–
15
20
µV/˚C
IB
Input Bias Current (Note 4)
1.5
25
40
65
µA
DIB
Bias Current Average Drift
150
–
600
700
nA/˚C
IIO
Input Offset Current
0.3
3
5
5
µA
DIIO
Offset Current Average Drift
5
–
25
50
nA/˚C
PSRR
Power Supply Rejection Ratio
DC
63
57
55
55
dB
CMRR
Common Mode Rejection Ratio
DC
60
54
52
52
dB
ICC
Supply Current (Note 4)
Per Channel, R
L = ∞
11
12
13
15
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com