| Electronic Components Datasheet Search |
|
TP3465V Datasheet(PDF) 6 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
TP3465V Datasheet(HTML) 6 Page - National Semiconductor (TI) |
|
6 / 17 page ![]() Functional Description (Continued) The uwdone bit in the ST register can be connected to the INT pin of the MID to alert the host processor when MICROWIRE transmission is completed by setting the inten bit in this SKR register The INT pin will only be functional as an interrupt in the Non-multiplexed bus mode in the 28-pin TP3465 device The soi bit configures the SO pin to be output (soi e 0) or input (soi e 1) This bit function is used to perform a Read operation on a device such as NSC TP3071 COMBO II be- cause the TP3071 sends data back on the SO pin When soi e 1 the SO pin functions as the SI input pin internally and feeds the data registers See applications diagrams and software procedures for more details The ms bit configures the MID device as a Master of MI- CROWIRE (ms e 0) or Slave of MICROWIRE (ms e 1) MICROWIRE Slave mode is described and illustrated in the applications section CSChip Select Port Register R W Register RESET condition CS pins are inputs and the register con- tains the state of these pins Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 cs7 cs6 cs5 cs4 cs3 cs2 cs1 cs0 The cs0 - 7 bits control the 8, CS input/output port pins. However, only the cs0 - 3 control bits are available in the TP3465 device when used in the non-multiplexed bus for- mat In the multiplexed bus format in TP3465 all 8 CS pins are accessible Writing to this register will affect the pins (configured as outputs in PD register) directly Similarly the state of the pins which are configured as inputs in the PD registers can be Read via the same (CS) register When reading the pins designated as outputs the bits will have a ‘‘1’’ condition Writing to bits corresponding to input pins will have no effect on the pins The state of an output chip select pin may also be con- trolled by the chip hardware state machine if the user writes to the FMBD0 – 7 registers The hardware can only bring the appropriate pin LOW for the duration of the MICROWIRE transfer and will attempt to set it HIGH at the end of the transfer If the user has however set this pin to be LOW by writing to this register it will over-ride the action of the hard- ware and the pin will remain LOW Thus the user must write a ‘‘1’’ in the bits that will be controlled by hardware and the pins must be set as outputs in the PD register STMICROWIRE Status Register R Register RESET Condition Read 80 Hex Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 uwdone 0 0 0 0 0 0 0 The uwdone bit (read only) in the ST register can be polled by the software to determine the end of the MICROWIRE transmission (uwdone e 1) uwdone e 0 during transmis- sion FMBFirst MICROWIRE Byte R W Register Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 d7 d6 d5 d4 d3 d2 d1 d0 SMBSecond MICROWIRE Byte R W Register Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 d7 d6 d5 d4 d3 d2 d1 d0 The SMB and the FMB data registers are used to communi- cate to any MICROWIRE device 0 – 7 (connected to pins CS0 – 7) when controlling the chip select lines via CS regis- ter (using software) The MICROWIRE parameters for this mode of operation are defined by the parameters for device 7 ie skp7 in SKP register and mwm7 in MWM register So when communicating with peripherals requiring different formats the skp7 and mwm7 bits may need to be re-config- ured before sending data to each of these devices Example of communication to 8-bit and 16-bit peripherals are de- scribed below Example 1 Communicating with an 8-bit MICROWIRE pe- ripheral at CS1 Set the skp7 bit to 0 (normal MICROWIRE polarity) and set the mwm7 to 0 for 1 byte operation Set cs1 bit to 0 to select the device Write the data into the FMB byte location so it will be shifted out after the trailing edge of the Write strobe signal At the end of the MICROWIRE transmission set the cs1 bit to 1 to de-select the device The 8-bit STATUS from the peripheral is read from the FMByte loca- tion Example 2 Communicating with a 16-bit MICROWIRE pe- ripheral at CS3 MICROWIRE protocol specifies that the Most Significant Bit is transmitted first Thus the HIGH byte of data becomes the First MICROWIRE Byte to be sent out Set the skp7 bit to 0 (normal MICROWIRE polarity) and set the mwm7 to 1 for 2 byte operation Set cs3 bit to 0 to select the device Write the LOW data byte in the SMB reg- ister and then write the HIGH data byte into the FMB byte location All 16 data bits are shifted out after the trailing edge of the Write strobe for the FMB register At the end of the MICROWIRE transmission set the cs3 bit to 1 to de- select the device The 16-bit STATUS from the peripheral is read from the FMB (HIGH data byte) and the SMB (LOW data byte) locations FMBD0First MICROWIRE Byte Dev0 R W Register Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 d7 d6 d5 d4 d3 d2 d1 d0 There is only one set of data registers (FMB and SMB) which handle the MICROWIRE data communication The FMBD0 address accesses the data register FMB but also provides information for the internal state machine to con- trol the CS0 pin The MICROWIRE parameters for device 0 are indicated by the state of bits skp0 and mwm0 etc 6 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |