Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3808 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC3808
Description  LOW POWER CURRENT MODE PUSH-PULL PWM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3808 Datasheet(HTML) 1 Page - Texas Instruments

  UCC3808 Datasheet HTML 1Page - Texas Instruments UCC3808 Datasheet HTML 2Page - Texas Instruments UCC3808 Datasheet HTML 3Page - Texas Instruments UCC3808 Datasheet HTML 4Page - Texas Instruments UCC3808 Datasheet HTML 5Page - Texas Instruments UCC3808 Datasheet HTML 6Page - Texas Instruments UCC3808 Datasheet HTML 7Page - Texas Instruments UCC3808 Datasheet HTML 8Page - Texas Instruments UCC3808 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UCC2808-1, UCC2808-2, UCC3808-1, UCC3808-2
LOW POWER CURRENT MODE PUSH-PULL PWM
SLUS168D – APRIL 1999 – REVISED AUGUST 2002
1
www.ti.com
D Dual Output Drive Stages in Push-Pull
Configuration
D 130-µA Typical Starting Current
D 1-mA Typical Run Current
D Operation to 1-MHz
D Internal Soft Start
D On Chip Error Amplifier With 2-MHz Gain
Bandwidth Product
D On Chip VDD Clamping
D Output Drive Stages Capable Of 500-mA
Peak Source Current, 1-A Peak Sink Current
description
The UCC3808 is a family of BiCMOS push-pull, high-speed, low-power, pulse-width modulators. The UCC3808
contains all of the control and drive circuitry required for off-line or dc-to-dc fixed frequency current-mode switching
power supplies with minimal external parts count.
The UCC3808 dual output drive stages are arranged in a push-pull configuration. Both outputs switch at half the
oscillator frequency using a toggle flip-flop. The dead time between the two outputs is typically 60 ns to 200 ns
depending on the values of the timing capacitor and resistors, thus limiting each output stage duty cycle to less than
50%. (continued)
block diagram
UDG-02116
3
1
2
8
7
6
5
4
OSCILLATOR
S
Q
R
RC
1.2R
R
0.5 V
PEAK CURRENT
COMPARATOR
Q
Q
T
S
Q
R
S
Q
R
VDD
VOLTAGE
REFERENCE
14 V
PWM
COMPARATOR
PWM
LATCH
SOFT START
0.5 V
VDD–1 V
0.75 V
2.2 V
2.0 V
FB
COMP
CS
VDD
OUTA
OUTB
GND
SLOPE = 1 V/ms
VDD OK
OVERCURRENT
COMPARATOR
22 k
Note: Pinout shown is for SOIC and PDIP packages. TSSOP pinout is different.
Ω
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
COMP
FB
CS
RC
VDD
OUTA
OUTB
GND
D OR N PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
PW PACKAGE
(TOP VIEW)
OUTB
GND
RC
CS
OUTA
VDD
COMP
FB


Similar Part No. - UCC3808

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3808-1 TI-UCC3808-1 Datasheet
148Kb / 7P
Low Power Current Mode Push-Pull PWM
UCC3808-1 TI-UCC3808-1 Datasheet
173Kb / 10P
LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808-1 TI1-UCC3808-1 Datasheet
912Kb / 18P
LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808-1 TI2-UCC3808-1 Datasheet
613Kb / 22P
UCCx808-x Low Power Current Mode Push-Pull PWM
REVISED AUGUST 2015
UCC3808-2 TI-UCC3808-2 Datasheet
148Kb / 7P
Low Power Current Mode Push-Pull PWM
More results

Similar Description - UCC3808

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1808- TI-UCC1808- Datasheet
148Kb / 7P
Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI-UCC2808A-1 Datasheet
160Kb / 10P
LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI-UCC2808A-1EP Datasheet
181Kb / 10P
LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_09 Datasheet
257Kb / 11P
LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_13 Datasheet
912Kb / 18P
LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
Low Power Current Mode Push-Pull PWM
UCC2808-1 TI1-UCC2808-1_15 Datasheet
957Kb / 22P
Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI1-UCC2808A-1_16 Datasheet
719Kb / 13P
LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com