Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9502 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9502
Description  2ch. Step-up / down DC/DC Controller ICs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9502 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9502 Datasheet HTML 1Page - Torex Semiconductor XC9502 Datasheet HTML 2Page - Torex Semiconductor XC9502 Datasheet HTML 3Page - Torex Semiconductor XC9502 Datasheet HTML 4Page - Torex Semiconductor XC9502 Datasheet HTML 5Page - Torex Semiconductor XC9502 Datasheet HTML 6Page - Torex Semiconductor XC9502 Datasheet HTML 7Page - Torex Semiconductor XC9502 Datasheet HTML 8Page - Torex Semiconductor XC9502 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Mar, 14 2003 Ver. 2
! Applications
" 2ch DC/DC Controller (Step-up + Step-down)
# PDAs
" Input Voltage Range
0.9V ~ 10.0V
# Palm Top Computers
" Output Voltage Externally Set-Up
# Portable Audio Systems
" Switching Frequency
180kHz
(±15%)
# Various Multi-Function Power Supplies
" Maximum Duty Cycle
Step-up
80% (Typ.)
Step-down 100%
" PWM, PWM/PFM Switching Control
! Features
" High Efficiency
Step-up
85% (Typ.)
2ch DC/DC Controller
Step-down 92% (Typ.)
Output 1 : Step-up DC/DC Controller
" Small MSOP-10 package
Output 2 : Step-down DC/DC Controller
Power Supply Voltage Range : 2.0V ~ 10V
Output Voltage Range
Output 1 (Step-up) : 1.5V ~ 30.0V
! General Description
Output 2 (Step-down) : 0.9V ~ 6.0V
Oscillation Frequency
: 180kHz
±15%
(300kHz, 500kHz custom)
Output Current
Output 1
Output 2
Stand-By Function
: 3.0
µA (MAX.)
Package
: MSOP-10
Soft-Start Time
: 10 ms (internally set)
! Typical Performance Characteristics
! Typical Application Circuit
XC9502B092A Input :
2 cell, VOUT
1 : 3.3V, VOUT2 : 1.8V
: more than 1000mA (VIN=3.3V, VOUT=1.8V)
: more than 300mA (VIN=1.8V, VOUT=3.3V)
Noise is easily reduced with PWM control since the frequency
is fixed. The series gives freedom of control selection so that
control suited to the application can be selected. Soft-start
time is internally set to 10msec (Output 1) and offers protection
against in-rush currents when the power is switched. This also
prevents voltage overshoot.
Can be set freely with 0.9V
(
±2.0%) of reference voltage supply
and external components.
Can be set freely with 0.9V
(
±2.0%) of reference voltage supply
and external components.
XC9502 Series
2ch. Step-up / down DC/DC Controller ICs
The XC9502 series are PWM controlled, PWM/PFM automatic
switching controlled, multi-functional, 2 channel step-up and
down DC/DC controller ICs. With 0.9V of standard voltage
supply internal, and using externally connected components,
the output 1 voltage (step-up DC/DC controller) can be set
freely within a range of 1.5V to 30V. Since the output 2 (step-
down DC/DC controller) has a built-in 0.9V reference voltage
(accuracy ±2%), 0.9V to 6.0V can be set using external
components. With a 180kHz frequency, the size of the
external components can be reduced. Switching frequencies
of 300kHz & 500kHz are also available as custom-designed
products.
The control of the XC9502 series can be switched between
PWM control and PWM/PFM automatic switching control using
external signals. Control switches from PWM to PFM during
light loads when automatic switching is selected and the series
is highly efficient from light loads through to large output
currents.
Tr2:Nch
MOSFET
:XP161A1355P
L1:22
µH
CDRH5D28
Tr2:Pch
MOSFET
XP162A12A6P
CIN
:47
µF
VIN
=2.0V
~3.0V
SD2
:MA2Q737
SD1
:MA2Q737
RFB11
:200k
Ω
CFB1
:62pF
RFB12
:75k
Ω
VOUT1:3.3V
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2/ 10
4 PW M1 PW M2 7
5 EN1
EN2 6
CL1
:47
µFX2
CL2
:47
µFX2
VPWM1
VPWM2
VNE2
VNE1
L2:22
µH
CDRH5D28
VOUT2:1.8V
RFB21
:220k
Ω
RFB22
:220k
Ω
CFB2
:62pF
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current 1,2 IOUT1,2 (mA)
VIN=2.7V
VOUT2:1.8V
PWM Control
PWM/PFM Switching Control
L1=15
µH,L2=22µH(CDRH5D28),CL1,CL2=92µF(Tantalum)
SD1,SD2:CMS02, Tr1:XP161A1355P,Tr2:XP162A12A6P
XC9502B093A (300kHz,VOUT1:3.3V,VOUT2:1.8V)
VOUT1:3.3V
1


Similar Part No. - XC9502

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9502 TOREX-XC9502 Datasheet
2Mb / 43P
2ch. Step-up / down DC/DC Controller ICs
XC9502B092AR TOREX-XC9502B092AR Datasheet
2Mb / 43P
2ch. Step-up / down DC/DC Controller ICs
XC9502B3AR TOREX-XC9502B3AR Datasheet
2Mb / 43P
2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
2ch. Step-up / down DC/DC Controller ICs
More results

Similar Description - XC9502

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
Synchronous Step-Down DC / DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
2ch. Step-up DC/DC Controller ICs.
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
2ch. Step-up / Inverting DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
Step-Up & Down DC / DC Controller ICs
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
2ch. Step-Down / Inverting DC/DC Controller ICs
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
2ch Step-down DC/DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
Synchronous Step-Down DC / DC Controller ICs
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
2ch. Step-up / down DC/DC Controller ICs
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com