Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9502B092AL Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9502B092AL
Description  2ch. Step-up / down DC/DC Controller ICs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9502B092AL Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9502B092AL Datasheet HTML 1Page - Torex Semiconductor XC9502B092AL Datasheet HTML 2Page - Torex Semiconductor XC9502B092AL Datasheet HTML 3Page - Torex Semiconductor XC9502B092AL Datasheet HTML 4Page - Torex Semiconductor XC9502B092AL Datasheet HTML 5Page - Torex Semiconductor XC9502B092AL Datasheet HTML 6Page - Torex Semiconductor XC9502B092AL Datasheet HTML 7Page - Torex Semiconductor XC9502B092AL Datasheet HTML 8Page - Torex Semiconductor XC9502B092AL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
! Pin Configuration
! Pin Assignment
! Ordering Information
XC9502
123456
FB Voltage
0.9V
Embossed Tape
Embossed Tape
6
1
2
3
4
DESCRIPTION
DESIGNATOR
5
9
SYMBOL
L
Package
R
Standard Feed
Reverse Feed
MSOP-10
5
Switching Frequency
Standard (10 Pin)
PIN NAME
FUNCTIONS
2
3
300kHz (custom)
500kHz (custom)
1
2
5
EN1
Channel 1 : Enable Pin <Connected to Ground when Output 1 is in stand-by mode.
Connected to VDD when Output 1 is active. EXT1 is low when in stand-by mode.>
6
EN2
Channel 2 : Enable Pin <Connected to Ground when Output 2 is in stand-by mode.
Connected to VDD when Output 2 is active. EXT2/ is high when in stand-by mode.>
XC9502 Series
B
0
A
PIN NUMBER
3
Channel 1 : Output Voltage Monitor Feedback Pin <Threshold value : 0.9V. Output voltage
can be set freely by connecting split resistors between VOUT1 and Ground.>
4
PWM1
Channel 1 : PWM/PFM Switching Pin <Control Output 1. PWM control when connected to
VDD, PWM / PFM auto switching when connected to Ground. >
2ch. Step-up / down DC/DC Controller ICs
180kHz
EXT 1
Channel 1: External Transistor Drive Pin <Connected to Nch Power MOSFET Gate>
VDD
Supply Voltage
FB1
7
PWM2
Channel 2 : PWM/PFM Switching Pin <Control Output 2. PWM control when connected to
VDD, PWM / PFM auto switching when connected to Ground.>
8
FB2
Channel 2 : Output Voltage Monitor Feedback Pin <Threshold value : 0.9V. Output voltage
can be set freely by connecting split resistors between VOUT2 and Ground.>
9
GND
Ground
10
EXT2/
Channel 2 : External Transistor Drive Pin <Connected to Pch Power MOSFET Gate>
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PW M1
PW M2 7
5 EN1
EN2 6
MSOP-10
(TOP VIEW)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com