Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28-4SCATV Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC28-4SCATV
Description  Drop Wire Clamps for CATV and Telephone Cable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC28-4SCATV Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC28-4SCATV Datasheet HTML 1Page - List of Unclassifed Manufacturers SC28-4SCATV Datasheet HTML 2Page - List of Unclassifed Manufacturers SC28-4SCATV Datasheet HTML 3Page - List of Unclassifed Manufacturers SC28-4SCATV Datasheet HTML 4Page - List of Unclassifed Manufacturers SC28-4SCATV Datasheet HTML 5Page - List of Unclassifed Manufacturers SC28-4SCATV Datasheet HTML 6Page - List of Unclassifed Manufacturers SC28-4SCATV Datasheet HTML 7Page - List of Unclassifed Manufacturers SC28-4SCATV Datasheet HTML 8Page - List of Unclassifed Manufacturers SC28-4SCATV Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
6
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Diamond
® Drop Hardware
Part Number
Description
Inner
Pack
Outer
Pack
SC02MFA-SS
Universal Messenger Drop Wire Clamp
--
125
Universal Messenger Cable Drop Wire Clamp
Drop Wire Clamps for CATV and Telephone Cable
• Permits cable to “float” free, fully protected from strain and chafing.
• Drop clamp for the suspension of a messengered drop cable between the
pole, midspan and house.
• For use with RG59, RG6 and other cables
• Stainless steel bail wire and aluminum body
.
Installation:
1. Begin separation of the messenger wire from the
cable using the end-edge of the SC02MFA-SS Drop
Clamp.
Note: Never use a knife or other sharp tool to
separate messenger and cable.
2. Fit the cable and messenger wire into the SCO2MFA-
SS Drop Clamp as shown, so that the Clamp Bail is
between the two.
3. Grasp the separated end of the messenger and cable
with one hand and grip the Clamp Body, as shown,
with your other hand. Then, pull the SC02MFA-SS
back, in a straight line, separating the length of
messenger wire needed to make the wrap; about 15
to 18-inches.
4. Pull the messenger wire around the center of the
bearing surface as shown, toward the rear or drop-
side of the Clamp.
Note: If at the house end of the drop, this will be
done while tensioning or “sagging” the drop.
5. Pass the messenger wire through the “L” Slots and
begin the wrap about the SC02MFA-SS body, as
shown.
6. Continue the messenger wire wrap for two full turns.
7. Pass the messenger wire through the “L” Slot, as
shown, to the drop-side of the SC02MFA-SS and cut
the excess wire away, or ground it to the strand.
Note: For drop cable with larger messenger wire, one
wrap is sufficient. Wrap the end of the wire around
the end of the SC02MFA-SS and bring it back up the
“L” Slots, then cut away the excess, or ground it to
the strand.
1
2
3
4
5
6
7


Similar Part No. - SC28-4SCATV

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC2803 FUMAN-SC2803 Datasheet
411Kb / 7P
3W high power white LED driver
logo
France Joint
SC280X310X15 FRANCEJOINT-SC280X310X15 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
logo
VITALCONN ELECTRONICS H...
SC281 VITALCONN-SC281 Datasheet
651Kb / 3P
SFP2*8 CAGECONN
SC28101 VITALCONN-SC28101 Datasheet
488Kb / 4P
SFP28 2*8 CONN
SC28102 VITALCONN-SC28102 Datasheet
488Kb / 4P
SFP28 2*8 CONN
More results

Similar Description - SC28-4SCATV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6110 LINER-LT6110 Datasheet
523Kb / 38P
Cable/Wire Drop Compensator
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
CABLE CLAMPS ALUMINUM
8092 ETC2-8092 Datasheet
104Kb / 2P
CABLE CLAMPS AND TIES
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
Miniature Cable Clamps
561-37B0125 ETC2-561-37B0125 Datasheet
146Kb / 2P
Standard Cable Clamps
561-50C0125 ETC2-561-50C0125 Datasheet
146Kb / 2P
Heavy Duty Cable Clamps
logo
Linear Technology
LT6110 LINER-LT6110_15 Datasheet
525Kb / 38P
Cable/Wire Drop Compensator
logo
OEN India Limited
04-ACC10 OENINDIA-04-ACC10 Datasheet
2Mb / 1P
Nylon Cable Clamps, Adjustable
04-CCL125X OENINDIA-04-CCL125X Datasheet
39Kb / 1P
Nylon Cable Clamps
logo
CamdenBoss Ltd.
CCU1C-AG CAMDENBOSS-CCU1C-AG Datasheet
299Kb / 1P
Camcirc cable clamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com