Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC14 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 74HC14
Description  High-Speed Cmos Logic Hex Inverting Schmitt Trigger
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

74HC14 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  74HC14 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 74HC14 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 74HC14 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd 74HC14 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High-Speed Cmos Logic
Hex Inverting Schmitt Trigger
The 74HC14 is useful to “square up” slow input rise and fall
times. Due to the hysteresis voltage of the Schmitt trigger, the
74HC14 finds applications in noisy environments.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
74HC14N / D
74HC14N DIP
74HC14D SOP
TA = -55° to 125° C for all packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
AY
LH
HL
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 74HC14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC14 PHILIPS-74HC14 Datasheet
72Kb / 8P
Hex inverting Schmitt trigger
September 1993
74HC14 PHILIPS-74HC14 Datasheet
120Kb / 23P
Hex inverting Schmitt trigger
2003 Oct 30
logo
ON Semiconductor
74HC14 ONSEMI-74HC14 Datasheet
133Kb / 9P
Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
NXP Semiconductors
74HC14 NXP-74HC14 Datasheet
167Kb / 21P
Hex inverting Schmitt trigger
Rev. 6-19 September 2012
logo
Diodes Incorporated
74HC14 DIODES-74HC14 Datasheet
293Kb / 9P
HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Rev 2
More results

Similar Description - 74HC14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC14 TI-CD74HC14 Datasheet
37Kb / 7P
High Speed CMOS Logic Hex Inverting Schmitt Trigger
CD54HC14 TI-CD54HC14 Datasheet
285Kb / 12P
High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD54HC14 TI-CD54HC14_05 Datasheet
281Kb / 12P
High-Speed CMOS Logic Hex Inverting Schmitt Trigger
logo
Unisonic Technologies
U74HC14 UTC-U74HC14 Datasheet
103Kb / 6P
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
U74HCT14 UTC-U74HCT14 Datasheet
112Kb / 5P
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Texas Instruments
CD74HC14PWRG4 TI-CD74HC14PWRG4 Datasheet
596Kb / 16P
High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD74HC14MG4 TI-CD74HC14MG4 Datasheet
587Kb / 16P
High-Speed CMOS Logic Hex Inverting Schmitt Trigger
logo
Unisonic Technologies
U74HC14 UTC-U74HC14_15 Datasheet
198Kb / 6P
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
U74HCT14 UTC-U74HCT14_15 Datasheet
237Kb / 5P
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Texas Instruments
CD54HC14 TI1-CD54HC14_15 Datasheet
692Kb / 17P
High-Speed CMOS Logic Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com