Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OG2525CCN Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # OG2525CCN
Description  Oven Controlled Crystal Oscillator (OCXO)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

OG2525CCN Datasheet(HTML) 1 Page - Seiko Instruments Inc

  OG2525CCN Datasheet HTML 1Page - Seiko Instruments Inc OG2525CCN Datasheet HTML 2Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Crystal oscillator
Crystal oscillator
Crystal oscillator
Crystal oscillator
Specifications (characteristics)
Item
Symbol
Specifications
Condition / Remarks
Output frequency range
fo
10.000 MHz
Supply voltage
VCC
H : 5V ±0.25V
Storage temperature range
T_stg
-40
°C to +85 °C
Operating temperature range
T_use
B : -20
°C to +70 °C
Frequency
tolerance
*
Initial tolerance
±200 × 10
-9 Max.
at +25
°C, Vcc=5.0V
Frequency/temperature characteristics
fo-TC
D : ±50 × 10
-9 Max.
-20
°C to +70 °C calm air
Frequency/voltage coefficient
fo-VCC
±5 × 10
-9 Max.
VCC=5 V ±0.25V
Frequency/load coefficient
Fo-load
±5 × 10
-9 Max.
15pF ± 5%
Frequency aging
f_age
±3 × 10
-9 / day Max.
C : ±100 × 10
-9 / year Max.
Temp.;at +25 °C calm
air
Vcont
&
Vcc =const.
;f ref;7days after power on
Warm-up
-
±50 × 10
-9 / 5 min Max.
at +25 °C
Frequency tuning
±0.2 × 10
-6 to ±0.8 × 10-6
Vcont 0.5 to 4.5V positive slope
Current
consumption
Warm-up
ICC
650 mA Max.
VCC=5 V
Steady state
300 mA Max.
VCC=5 V
at +25
°C
Symmetry
SYM
45% to 55%
at 2V
Output voltage
VOH/VOL
VOH = 2.4V Min. / VOL = 0.4V Max.
Output load condition
Load C
15 pF typ
Max 20pF
R-load
Min.1k
Phase noise
(10MHz)
1Hz
-
-80 dBc/Hz typ.
10Hz
-100 dBc/Hz typ.
100Hz
-130 dBc/Hz typ.
1kHz
-140 dBc/Hz typ.
10kHz
-145 dBc/Hz typ.
External dimensions
(Unit:mm)
Oven Controlled
Crystal Oscillator (OCXO)
OG2525CCNHCBDDJ
•Output frequency
:
10.0MHz
•Supply voltage
:
5.0 V Typ.
•Frequency / temperature characteristics
:
±50 × 10
-9 Max. / -20
°C to +70 °C
•External dimensions : 25.4 × 25.4 × 12.7 mm
•Features
:
Very fast warm-up and accurate stability
:
SC-Cut Crystal unit
Please contact us for detailed specifications
Pin map
Pin
Connection
#1
Output
#2
GND/Case
#3
Vcont
#4
N.C
#5
Vcc
Product name
OG2525 CCN 10.000000MHz H C B D D J
(Standard form)
Model
Output(C:CMOS)
Frequency
Supply voltage(H:5V)
Aging(C: ±100 x 10
-9 / year)
Operating temperature(B: -20
°C to +70 °C)
Frequency / temperature characteristics(D: ±50 × 10
-9 Max.)
Option(D
:
Electric Frequency Control)
Internal identification code
There should be no patterns under 4a pins(EPSON use),
on customer’s
PCB.
Product Number (Please contact us)
X1G004661001200


Similar Description - OG2525CCN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCO-639E ETC-TCO-639E Datasheet
39Kb / 1P
Oven Controlled Crystal Oscillator (OCXO)
9161A ETC1-9161A Datasheet
44Kb / 1P
OVEN CONTROLLED CRYSTAL OSCILLTORS (OCXO)
logo
NIHON DEMPA KOGYO
NH37M28LA NDK-NH37M28LA Datasheet
85Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO)
NH25M22WC NDK-NH25M22WC Datasheet
81Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH25M22WA NDK-NH25M22WA Datasheet
82Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
9740C NDK-9740C Datasheet
80Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO)
9740C NDK-9740C_09 Datasheet
345Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO) 9700 Series
NH26M26LG NDK-NH26M26LG Datasheet
306Kb / 1P
Oven Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH37M28LC NDK-NH37M28LC Datasheet
225Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH25M22WG NDK-NH25M22WG_17 Datasheet
635Kb / 1P
Oven Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com