Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3VM-41AY Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3VM-41AY
Description  Small DIP4 package with Dielectric Strength of 5,000 VAC between I/O
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-41AY Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3VM-41AY Datasheet HTML 1Page - Omron Electronics LLC G3VM-41AY Datasheet HTML 2Page - Omron Electronics LLC G3VM-41AY Datasheet HTML 3Page - Omron Electronics LLC G3VM-41AY Datasheet HTML 4Page - Omron Electronics LLC G3VM-41AY Datasheet HTML 5Page - Omron Electronics LLC G3VM-41AY Datasheet HTML 6Page - Omron Electronics LLC G3VM-41AY Datasheet HTML 7Page - Omron Electronics LLC G3VM-41AY Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
G3VM-@AY@/@DY@
MOS FET Relays
G
3
V
M
@
A
Y
@
/
@
D
Y
@
I
D
I
P
■Absolute Maximum Ratings (Ta = 25°C)
Standard type, High senstive type
Note: 1. The dielectric strength between the input and output was checked by applying voltage between all pins as a group on the LED side and all
pins as a group on the light-receiving side.
Item
Symbol
G3VM-41AY1
G3VM-41DY1
G3VM-41AY
G3VM-41DY
G3VM-61AY1
G3VM-61DY1
G3VM-61AY
G3VM-61DY
G3VM-201AY1
G3VM-201DY1
G3VM-201AY
G3VM-201DY
G3VM-351AY1
G3VM-351DY1
G3VM-351AY
G3VM-351DY
G3VM-401AY1
G3VM-401DY1
G3VM-401AY
G3VM-401DY
G3VM-601AY1
G3VM-601DY1
G3VM-601AY
G3VM-601DY
Unit
Measurement conditions
LED forward current
IF
30
mA
Repetitive peak LED forward current
IFP
1
A
100
μs pulses, 100 pps
LED forward current reduction rate
ΔIF/°C
−0.3
mA/°C
Ta
≥25°C
LED reverse voltage
VR
5V
Connection temperature
TJ
125
°C
Load voltage (AC peak/DC)
VOFF
40
60
200
350
400
600
V
Continuous load current (AC peak/DC)
IO
2,000
500
250
100
120
90
mA
ON current reduction rate
ΔIO/°C
−20
−5
−2.5
−1
−1.2
−0.9
mA/°C
Ta
≥25°C
Pulse ON current
lop
6
1.5
0.75
0.3
0.36
0.27
A
t=100ms, Duty=1/10
Connection temperature
TJ
125
°C
Dielectric strength between I/O
(See note 1.)
VI-O
5,000
Vrms
AC for 1 min
Ambient operating temperature
Ta
−40~+85°C
With no icing or
condensation
Ambient storage temperature
Tstg
−55~+125
°C
Soldering temperature
−
260
°C
10s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com