Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54LS125 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS125
Description  Quad TRI-STATE Buffers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS125 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54LS125 Datasheet HTML 1Page - National Semiconductor (TI) 54LS125 Datasheet HTML 2Page - National Semiconductor (TI) 54LS125 Datasheet HTML 3Page - National Semiconductor (TI) 54LS125 Datasheet HTML 4Page - National Semiconductor (TI) 54LS125 Datasheet HTML 5Page - National Semiconductor (TI) 54LS125 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
RL e 667X
Symbol
Parameter
CL e 50 pF
CL e 150 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time Low
15
21
ns
to High Level Output
tPHL
Propagation Delay Time High
18
22
ns
to Low Level Output
tPZH
Output Enable Time to
25
35
ns
High Level Output
tPZL
Output Enable Time to
25
40
ns
Low Level Output
tPHZ
Output Disable Time from
20
ns
High Level Output (Note 1)
tPLZ
Output Disable Time from
20
ns
Low Level Output (Note 1)
Note 1
CL e 5pF
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com