Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16CTQ Datasheet(PDF) 3 Page - International Rectifier

Part # 16CTQ
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16CTQ Datasheet(HTML) 3 Page - International Rectifier

  16CTQ Datasheet HTML 1Page - International Rectifier 16CTQ Datasheet HTML 2Page - International Rectifier 16CTQ Datasheet HTML 3Page - International Rectifier 16CTQ Datasheet HTML 4Page - International Rectifier 16CTQ Datasheet HTML 5Page - International Rectifier 16CTQ Datasheet HTML 6Page - International Rectifier 16CTQ Datasheet HTML 7Page - International Rectifier 16CTQ Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Bulletin PD-20192 rev. H 12/03
www.irf.com
16CTQ..., 16CTQ...S, 16CTQ...-1
Fig.2-Typical Values Of Reverse Current
Vs. Reverse Voltage (PerLeg)
Fig.3-Typical Junction Capacitance
Vs. Reverse Voltage (PerLeg)
Fig.4-Max. Thermal Impedance Z
thJC Characteristics (Per Leg)
Fig.1-Max. Forward Voltage Drop Characteristics
(PerLeg)
1
10
100
1000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2
FM
Forward Voltage Drop - V
(V)
T = 175°C
T = 125°C
T = 25°C
J
J
J
0.0001
0.001
0.01
0.1
1
10
100
0
20406080
100
R
150°C
125°C
100°C
75°C
50°C
25°C
T = 175°C
J
Reverse Voltage - V (V)
100
1000
0
20406080
100
T = 25°C
J
R
Reverse Voltage - V (V)
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
t , Rectangular Pulse Duration (Seconds)
Single Pulse
(Thermal Resistance)
1
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
J
DM
thJC
C
2
t
1
t
P
DM
1
2
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com