Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD301 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MMBD301
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MMBD301 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MMBD301 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBD301 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBD301 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBD301 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Diodes
MMBD301
SCHOTTKY BARRIER DIODE
FEATURES
Small Surface Mounting Type
High Reliability
MARKING: 4T
MAXIMUM RATINGS ( Ta=25℃ unless otherwise noted )
Symbol
Parameter
Value
Unit
VRRM
Maximum Repetitive Reverse Voltage
30
V
IO
Forward Current
50
mA
PD
Power Dissipation
200
mW
RθJA
Thermal Resistance from Junction to Ambient
500
℃/W
Tj
Junction Temperature
125
℃
Tstg
Storage Temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS(Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse voltage
V(BR)
IR=10μA
30
V
Reverse current
IR
VR=25V
200
nA
IF=1mA
0.45
Forward voltage
VF
IF=10mA
0.6
V
Total capacitance
Ctot
VR=15V,f=1MHz
1.5
pF
SOT-23
1
C,Oct,2015
www.cj-elec.com


Similar Part No. - MMBD301

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBD301 FAIRCHILD-MMBD301 Datasheet
195Kb / 8P
Schottky Barrier Diode
logo
Pan Jit International I...
MMBD301 PANJIT-MMBD301 Datasheet
53Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE
logo
DAESAN ELECTRONIC CORP.
MMBD301 DAESAN-MMBD301 Datasheet
264Kb / 2P
Surface Mount Schottky Barrier Diode
logo
Guangdong Kexin Industr...
MMBD301 KEXIN-MMBD301 Datasheet
36Kb / 1P
Schottky Barrier Diode
logo
Micro Commercial Compon...
MMBD301 MCC-MMBD301 Datasheet
181Kb / 3P
30 Volts Schottky Barrier Diodes
More results

Similar Description - MMBD301

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com