Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C32 Datasheet(PDF) 20 Page - TEMIC Semiconductors

Part # 80C32
Description  CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

80C32 Datasheet(HTML) 20 Page - TEMIC Semiconductors

Back Button 80C32 Datasheet HTML 12Page - TEMIC Semiconductors 80C32 Datasheet HTML 13Page - TEMIC Semiconductors 80C32 Datasheet HTML 14Page - TEMIC Semiconductors 80C32 Datasheet HTML 15Page - TEMIC Semiconductors 80C32 Datasheet HTML 16Page - TEMIC Semiconductors 80C32 Datasheet HTML 17Page - TEMIC Semiconductors 80C32 Datasheet HTML 18Page - TEMIC Semiconductors 80C32 Datasheet HTML 19Page - TEMIC Semiconductors 80C32 Datasheet HTML 20Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
80C32/80C52
MATRA MHS
Rev. E (31/08/95)
20
Ordering Information
Temperature Range
blank : Commercial
I
: Industrial
A
: Automotive
M
: Military
Package Type (1)
F1, F2 : Quad Flat Pack (2)
P : Plastic DIL
S : PLCC
V : V Quad Flat Pack (1.4 mm)
T : T Quad Flat Pack (1 mm)
Part Number
80C52 Rom 8 K
× 8
80C32 External ROM
80C52C Secret ROM version
80C52T Secret Tag version
Customer Rom Code
I
xxx
S
80C52C
–12
: 12 MHz version
–16
: 16 MHz version
–20
: 20 MHz version
–25
: 25 MHz version
–30
: 30 MHz version
–36
: 36 MHz version
–40
: 40 MHz version (3)
–42
: 42 MHz version (3)
–44
: 44 MHz version (3)
–L16 : Low Power
(Vcc : 2.7-5.5 V
Freq : 0-16 MHz)
R : Tape and Reel
D : Dry Pack
(1) Ceramic of multi-layer packages : contact TEMIC sales office.
(2) See mechanical outlines available on Databook or on request.
(3) Only for 80C32 at commercial range.
-36
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com