Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C52 Datasheet(PDF) 13 Page - TEMIC Semiconductors

Part # 80C52
Description  CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

80C52 Datasheet(HTML) 13 Page - TEMIC Semiconductors

Back Button 80C52 Datasheet HTML 9Page - TEMIC Semiconductors 80C52 Datasheet HTML 10Page - TEMIC Semiconductors 80C52 Datasheet HTML 11Page - TEMIC Semiconductors 80C52 Datasheet HTML 12Page - TEMIC Semiconductors 80C52 Datasheet HTML 13Page - TEMIC Semiconductors 80C52 Datasheet HTML 14Page - TEMIC Semiconductors 80C52 Datasheet HTML 15Page - TEMIC Semiconductors 80C52 Datasheet HTML 16Page - TEMIC Semiconductors 80C52 Datasheet HTML 17Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
80C32/80C52
MATRA MHS
Rev. E (31/08/95)
13
Absolute Maximum Ratings*
Ambient Temperature Under Bias :
C = Commercial
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I = Industrial
-40 to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–65
°C to + 150°C
. . . . . . . . . . . . . . . . . . . . . . .
Voltage on VCC to VSS
–0.5 V to + 7 V
. . . . . . . . . . . . . . . . . . . . . . . .
Voltage on Any Pin to VSS
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . .
Power Dissipation
1 W**
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
** This value is based on the maximum allowable die temperature and
the thermal resistance of the package
* Notice
Stresses at or above those listed under “ Absolute Maximum Ratings”
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
DC Characteristics
TA = 0
°C to 70°C ; Vcc = 2.7 V to 5.5 V ; Vss = 0 V ; F = 0 to 16 MHz
TA = –40
°C to 85°C ; Vcc = 2.7 V to 5.5 V
SYMBOL
PARAMETER
MIN
MAX
UNIT
TEST CONDITIONS
VIL
Input Low Voltage
– 0.5
0.2 VCC – 0.1
V
VIH
Input High Voltage (Except XTAL and RST)
0.2 VCC + 1.4
VCC + 0.5
V
VIH2
Input High Voltage to RST for Reset
0.7 VCC
VCC + 0.5
V
VIH1
Input High Voltage to XTAL1
0.7 VCC
VCC + 0.5
V
VPD
Power Down Voltage to Vcc in PD Mode
2.0
5.5
V
VOL
Output Low Voltage (Ports 1, 2, 3)
0.45
V
IOL = 0.8 mA (note 2)
VOL1
Output Low Voltage Port 0, ALE, PSEN
0.45
V
IOL = 1.6 mA (note 2)
VOH
Output High Voltage Ports 1, 2, 3
0.9 Vcc
V
IOH = – 10
µA
VOH1
Output High Voltage (Port 0 in External Bus
Mode), ALE, PSEN
0.9 Vcc
V
IOH = – 40
µA
IIL
Logical 0 Input Current Ports 1, 2, 3
– 50
µA
Vin = 0.45 V
ILI
Input Leakage Current
± 10
µA
0.45 < Vin < VCC
ITL
Logical 1 to 0 Transition Current
(Ports 1, 2, 3)
– 650
µA
Vin = 2.0 V
IPD
Power Down Current
50
µA
VCC = 2.0 V to 5.5 V (note 1)
RRST
RST Pulldown Resistor
50
200
k
Ω
CIO
Capacitance of I/O Buffer
10
pF
fc = 1 MHz, TA = 25_C
Maximum Icc (mA)
OPERATING (NOTE 1)
IDLE (NOTE 1)
FREQUENCY/Vcc
2.7 V
3 V
3.3 V
5.5 V
2.7 V
3 V
3.3 V
5.5 V
1 MHz
0.8 mA
1 mA
1.1 mA
1.8 mA
400
µA
500
µA
600
µA
1 mA
6 MHz
4 mA
5 mA
6 mA
10 mA
1.5 mA
1.7 mA
2 mA
4 mA
12 MHz
8 mA
10 mA
12 mA
2.5 mA
3 mA
3.5 mA
16 MHz
10 mA
12 mA
14 mA
3 mA
3.8 mA
4.5 mA
Freq > 12 MHz (Vcc = 5.5 V)
Icc (mA) = 1.25
× Freq (MHz) + 5
Icc Idle (mA) = 0.36
× Freq (MHz) + 2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com