Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASBS4-LED5-4 Datasheet(PDF) 95 Page - Lumberg

Part # ASBS4-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS4-LED5-4 Datasheet(HTML) 95 Page - Lumberg

Back Button ASBS4-LED5-4 Datasheet HTML 91Page - Lumberg ASBS4-LED5-4 Datasheet HTML 92Page - Lumberg ASBS4-LED5-4 Datasheet HTML 93Page - Lumberg ASBS4-LED5-4 Datasheet HTML 94Page - Lumberg ASBS4-LED5-4 Datasheet HTML 95Page - Lumberg ASBS4-LED5-4 Datasheet HTML 96Page - Lumberg ASBS4-LED5-4 Datasheet HTML 97Page - Lumberg ASBS4-LED5-4 Datasheet HTML 98Page - Lumberg ASBS4-LED5-4 Datasheet HTML 99Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
95
LioN-Link
I/O Modules
0942 UEM 783
0942 UEM 670
0942 UEM 602
0942 UEM 612
Motion-Module
LioN-Link Motion Module with 8 Digital Inputs and
4 Universal Outputs that can be Configured for the
Connection of Brushless Motors, DC Motors or for
Valves. System Specific Specifications Such as Speed
and Acceleration/Deceleration can be Transmitted
via the DP-V1* Protocol. Power Supply is via
a Connecting Cable with 7/8” Connector.
8 IN/8 OUT Universal
LioN-Link I/ O Module with 8 Digital I/O Channels,
Channels can be used Universally as Inputs or
Outputs, M8 Sockets, 3 Poles
Input or Output Functionality can be Switched off
while Retaining the Respective Address Range*.
4 OUT
LioN-Link I/O Module with 4 Digital Outputs, M12
Sockets (4 x), 5 Poles, 2 A per Channel, One Channel
per Socket.
4 OUT
LioN-Link I/O Module with 4 Digital Outputs, M12
Sockets (4 x), 5 Poles, M12 Actuator Supply, 2 A per
Channel, One Channel per Socket.
– Suitable for Safety Critical Applications
within Performance Levels A through D –
Part No.
0942 UEM 783
Part No.
0942 UEM 670
Part No.
0942 UEM 602
Part No.
0942 UEM 612
LioN-Link
* = Only with 0940 PSL 602 or 0940 ESL 601
* = Only with 0940 PSL 603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com