Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASBS8-LED5-4 Datasheet(PDF) 28 Page - Lumberg

Part # ASBS8-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS8-LED5-4 Datasheet(HTML) 28 Page - Lumberg

Back Button ASBS8-LED5-4 Datasheet HTML 24Page - Lumberg ASBS8-LED5-4 Datasheet HTML 25Page - Lumberg ASBS8-LED5-4 Datasheet HTML 26Page - Lumberg ASBS8-LED5-4 Datasheet HTML 27Page - Lumberg ASBS8-LED5-4 Datasheet HTML 28Page - Lumberg ASBS8-LED5-4 Datasheet HTML 29Page - Lumberg ASBS8-LED5-4 Datasheet HTML 30Page - Lumberg ASBS8-LED5-4 Datasheet HTML 31Page - Lumberg ASBS8-LED5-4 Datasheet HTML 32Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
28
7/8” A Body-Male 90˚
Mini Cordsets, Single Ended, 7/8” Male 90
˚
Connector, 2-, 3-, 4-, 5-, and 6-Poles with Internal
Threads and Molded Cable. IP 67 Rated.
Color Code:
U.S.
Cable Types:
16 AWG
738 | 739 | 777 = TPE, yellow
678
= PVC, yellow
Cable Types:
18 AWG
619
= CPE, yellow
697
= PVC, yellow
Color Code:
Automotive
Cable Types:
16 AWG
741 | 742
= TPE, yellow
Cable Types:
18 AWG
755
= TPE, yellow
7/8” A Body-Female 90˚
Mini Cordsets, Single Ended, 7/8” Female 90
˚
Connector, 2-, 3-, 4-, 5-, and 6-Poles with Internal
Threads and Molded Cable. IP 67 Rated.
Color Code:
U.S.
Cable Types:
16 AWG
738 | 739 | 777 = TPE, yellow
678
= PVC, yellow
Cable Types:
18 AWG
619
= CPE, yellow
697
= PVC, yellow
Color Code:
Automotive
Cable Types:
16 AWG
741 | 742
= TPE, yellow
Cable Types:
18 AWG
755
= TPE, yellow
RSW 201...601A
RKW 20...60A
Part No.
Part No.
RSW 201-678/6 F
RSW 501-742/6 F
RSW 201-678/12 F
RSW 501-742/12 F
RSW 201-678/15 F
RSW 501-742/15 F
RSW 201-678/20 F
RSW 501-742/20 F
RSW 201-678/30 F
RSW 501-742/30 F
RSW 301-619/6 F
RSW 501-755/6 F
RSW 301-619/12 F
RSW 501-755/12 F
RSW 301-619/15 F
RSW 501-755/15 F
RSW 301-619/20 F
RSW 501-755/20 F
RSW 301-619/30 F
RSW 501-755/30 F
RSW 301-738/6 F
RSW 501-777/6 F
RSW 301-738/12 F
RSW 501-777/12 F
RSW 301-738/15 F
RSW 501-777/15 F
RSW 301-738/20 F
RSW 501-777/20 F
RSW 301-738/30 F
RSW 501-777/30 F
RSW 301-741/6 F
RSW 601A-697/6 F
RSW 301-741/12 F
RSW 601A-697/12 F
RSW 301-741/15 F
RSW 601A-697/15 F
RSW 301-741/20 F
RSW 601A-697/20 F
RSW 301-741/30 F
RSW 601A-697/30 F
RSW 401-739/6 F
RSW 401-739/12 F
RSW 401-739/15 F
RSW 401-739/20F
RSW 401-739/30F
Part No.
Part No.
RKW 20-678/6 F
RKW 50-742/6 F
RKW 20-678/12 F
RKW 50-742/12 F
RKW 20-678/15 F
RKW 50-742/15 F
RKW 20-678/20 F
RKW 50-742/20 F
RKW 20-678/30 F
RKW 50-742/30 F
RKW 30-619/6 F
RKW 50-755/6 F
RKW 30-619/12 F
RKW 50-755/12 F
RKW 30-619/15 F
RKW 50-755/15 F
RKW 30-619/20 F
RKW 50-755/20 F
RKW 30-619/30 F
RKW 50-755/30 F
RKW 30-738/6 F
RKW 50-777/6 F
RKW 30-738/12 F
RKW 50-777/12 F
RKW 30-738/15 F
RKW 50-777/15 F
RKW 30-738/20 F
RKW 50-777/20 F
RKW 30-738/30 F
RKW 50-777/30 F
RKW 30-741/6 F
RKW 60A-697/6 F
RKW 30-741/12 F
RKW 60A-697/12 F
RKW 30-741/15 F
RKW 60A-697/15 F
RKW 30-741/20 F
RKW 60A-697/20 F
RKW 30-741/30 F
RKW 60A-697/30 F
RKW 40-739/6 F
RKW 40-739/12 F
RKW 40-739/15 F
RKW 40-739/20 F
RKW 40-739/30 F
Mini 7/8” -Round-Plug Connector
7/8”-Single-Ended Cordsets, A Body Style



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com