Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASBSV8-LED5 Datasheet(PDF) 53 Page - Lumberg

Part # ASBSV8-LED5
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV8-LED5 Datasheet(HTML) 53 Page - Lumberg

Back Button ASBSV8-LED5 Datasheet HTML 49Page - Lumberg ASBSV8-LED5 Datasheet HTML 50Page - Lumberg ASBSV8-LED5 Datasheet HTML 51Page - Lumberg ASBSV8-LED5 Datasheet HTML 52Page - Lumberg ASBSV8-LED5 Datasheet HTML 53Page - Lumberg ASBSV8-LED5 Datasheet HTML 54Page - Lumberg ASBSV8-LED5 Datasheet HTML 55Page - Lumberg ASBSV8-LED5 Datasheet HTML 56Page - Lumberg ASBSV8-LED5 Datasheet HTML 57Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
53
M12-Male - 2xM12-Female
T-Splitter, 4- and 5-Pole, 90
˚-version with One M12
Male Connector and Two M12 Female Connectors,
Self-Locking Threaded Joint, IP 67 Rated.
M12-Male - 2xM8 Female
T-Splitter, 3-Poles, 90
˚ -version (on M12) with One
M12 Male and Two M8 Female Connectors, Self-
Locking Threaded Joint, IP 67 Rated.
M12-Male - 2xM12 Female
T-Splitter, 5-Poles with One M12 Male and Two M12
Female Connectors and Mounting Hole, IP 67 Rated.
M12-Male - 2xM12 Male/Female
T-Splitter, 5-Poles with One M12 Female, One M12
Male and One M12 Female Connector, IP 67 Rated.
– especially suitable for DeviceNet and CANopen
modules with M12 bus connection –
7/8”-Female - 2x7/8” Male/Female
T-Splitter, 5-Poles with One 7/8” Female, One 7/8”
Male and One 7/8” Female Connector, IP 67 Rated.
– especially suitable for DeviceNet modules with
7/8” bus connection –
ASBS 2 M12...-90
ASBS 2 M8-90
FASBS 2 M12
0906 UTP 101
0906 UTP 301
T-Splitters and Adapters
2-Port-Distributor, M12-T-Distributor, 7/8”-T-Distributor
Part No.
ASBS 2 M12-4S-90
ASBS 2 M12-5-90
Part No.
ASBS 2 M8-90
Part No.
FASBS 2 M12-5S
Part No.
0906 UTP 101
Part No.
0906 UTP 301
ASBS 2 M12-5-90
A
B
M12
A
B
M12
A
B
7/8”
7/8” A 7/8” B
ASBS 2 M12-4S-90
A
B
M12
M8 A M8 B
Splitters and
Adapters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com