Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8330ACP Datasheet(PDF) 21 Page - Analog Devices

Part # AD8330ACP
Description  Low Cost DC-150 MHz Variable Gain Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330ACP Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8330ACP Datasheet HTML 17Page - Analog Devices AD8330ACP Datasheet HTML 18Page - Analog Devices AD8330ACP Datasheet HTML 19Page - Analog Devices AD8330ACP Datasheet HTML 20Page - Analog Devices AD8330ACP Datasheet HTML 21Page - Analog Devices AD8330ACP Datasheet HTML 22Page - Analog Devices AD8330ACP Datasheet HTML 23Page - Analog Devices AD8330ACP Datasheet HTML 24Page - Analog Devices AD8330ACP Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
REV. A
AD8330
–21–
1.2
05ns
10ns
15ns
25ns
20ns
1.0
0.8
0.6
0.4
0.2
0
–0.2
0.2
–0.4
–0.6
–0.8
–1.0
–1.2
0
–0.2
1.2
1.0
0.8
0.6
0.4
0.2
0
–0.2
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
Figure 19. Typical Pulse Responses for Figure 18
Figure 19 shows typical results for VDBS = 0.24 V, a square wave
input amplitude of 450 mV (the actual combination is not impor-
tant) and a rise time of 2 ns. VMAG raised to 2.0 V is used. In the
upper waveforms the load capacitors are both zero, and a small
amount of overshoot is visible; with 40 pF the response is cleaner.
A shunt capacitance of 20 pF from OPHI to OPLO will have a
similar effect. Coupling capacitors for this demonstration are
sufficiently large to prevent any visible droop over this time scale.
The outputs at the load side will eventually assume a mean value
of zero, with negative and positive excursions depending on the
duty-cycle.
The bandwidth from pin VMAG to these outputs is somewhat
higher than that from the normal input pins. Thus when this pin
is used to rapidly modulate the primary signal, some further
experimentation with response optimization may be required. In
general, the AD8330 is very tolerant of a wide range of loading
conditions.
Preserving Absolute Gain
Although the AD8330 is not laser-trimmed, its absolute gain cali-
bration, being based mainly on ratios, is very good. Full details can
be found in the Specifications and in the typical performance
curves. Nevertheless, having finite input and output impedances,
the gain is necessarily dependent on the source and load condi-
tions. The loss incurred when either of these is finite causes an
error in the absolute gain, which may also be uncertain due to
the approximately
±20% tolerance in the absolute value of the
input and output impedances.
Often, such losses and uncertainties can be tolerated and accom-
modated by a correction to the gain control bias. On the other
hand, the error in the loss can be essentially nulled by using
appropriate modifications to either the source impedance (RS)
or the load impedance (RL), or both, in some cases by padding
them with series or shunt components.
The formulation for this correction technique was described
previously. However, to simplify its use, Table I is provided, showing
spot values for combinations of RS and RL resulting in an overall
loss that will not be dependent on sample-to-sample variations
in on-chip resistances. Furthermore, this fixed and predictable loss
can be corrected by an adjustment to VMAG, as indicated in Table 1.
Table I. Preserving Absolute Gain
Uncorrected LossVMAG Required
RS(
Ω)R
L(
Ω)
Factor
dB
to Correct Loss
10
15k
0.980
0.17
0.510
15
10k
0.971
0.26
0.515
20
7.5k
0.961
0.34
0.520
30
5.0k
0.943
0.51
0.530
50
3.0k
0.907
0.85
0.551
75
2.0k
0.865
1.26
0.578
100
1.5k
0.826
1.66
0.605
150
1.0k
0.756
2.43
0.661
200
750
0.694
3.17
0.720
300
500
0.592
4.56
0.845
500
300
0.444
7.04
1.125
750
200
0.327
9.72
1.531
1k
150
0.250
12.0
2.000
1.5k
100
0.160
15.9
3.125
2k
75
0.111
19.1
4.500
Calculation of Noise Figure
The AD8330 noise is a consequence of its intrinsic voltage-noise-
spectral-density (ENSD) and the current-noise-spectral-density
(INSD). Their combined effect generates a net input noise, VNOISE_IN,
which is a function of the device’s input resistance, RI, nominally
1 k
Ω, and the differential source resistance, RS, as follows:
VNOISE_IN =+
+
()
{}
EI
R
R
NSD
NSD
I
S
22
2
(16)
Note that we assume purely resistive source and input impedances
as a concession to simplicity. A more thorough treatment of noise
mechanisms, for the case where the source is reactive, is beyond the
scope of these brief notes. Also note that VNOISE_IN is the voltage-
noise-spectral-density appearing across the differential input pins,
INHI, INLO. In preparing for the calculation of noise figure,
we will define VSIG as the open-circuit signal voltage across the
source and VIN as the differential input to the AD8330. The
relationship is simply
VIN =
+
()
VR
RR
SIG
I
IS
(17)
At maximum gain, ENSD is 4.1 nV/
√Hz, and I
NSD is 3 pA/
√Hz.
Thus, the short-circuit voltage noise is:
VNOISE_IN =
() +() Ω+
()
41
3
1
0
22
2
./
/
nV
Hz
pA
Hz
k
= 508
./
nV
Hz
(18)
Next, examine the net noise when RS = RI = 1 k
Ω, often incorrectly
called the “matching” condition, rather than “source impedance
termination,” which is the actual situation in this case. Repeating
the procedure:
VNOISE_IN =
() +() Ω+ Ω
()
41
3
1
1
22
2
./
/
nV
Hz
pA
Hz
k
k
≈ 73
./
nV
Hz
(19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com