Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9229 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9229
Description  Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9229 Datasheet(HTML) 2 Page - Analog Devices

  AD9229 Datasheet HTML 1Page - Analog Devices AD9229 Datasheet HTML 2Page - Analog Devices AD9229 Datasheet HTML 3Page - Analog Devices AD9229 Datasheet HTML 4Page - Analog Devices AD9229 Datasheet HTML 5Page - Analog Devices AD9229 Datasheet HTML 6Page - Analog Devices AD9229 Datasheet HTML 7Page - Analog Devices AD9229 Datasheet HTML 8Page - Analog Devices AD9229 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AD9229
Preliminary Technical Data
Rev. PrF | Page 2 of 15
Oct. 6, 2003
TABLE OF CONTENTS
AD9229—Specifications ........................................................................ 3
DIGITAL SPECIFICATIONS ........................................................... 4
AC SPECIFICATIONS....................................................................... 4
SWITCHING SPECIFICATIONS.................................................... 5
EXPLANATION OF TEST LEVELS................................................ 5
Absolute Maximum Ratings .................................................................. 6
EQuivalent circuits.................................................................................. 7
TYPICAL PERFORMANCE CHARACTERISTICS ......................... 8
Theory of Operation.............................................................................11
Analog Inputs ....................................................................................11
Voltage Reference..............................................................................11
Digital Outputs..................................................................................11
Timing ................................................................................................11
PLL ......................................................................................................11
Pin Function Descriptions ...................................................................12
Pin Configurations ................................................................................13
Timing Diagram ....................................................................................14
Ordering Guide .................................................................................15
REVISION HISTORY
Revision PrA: Initial Version
Revision PrB: Added Definition and Theory of Operation sections, updated Pin Configurations
Revision PrC: Deleted demux outputs
Revision PrD: Added Pin Info, Package Info
Revision PrE: Ch. 3.3V to 3.0V for supply, Updated Sinad spec typo, Added analog typical Cin, Overange Recovery Time, Latency
Revision PrF: Added 50MSPS Grade, Removed Clk-, Updated Power, SNR,LVDS Rset, Tpd Estimates, Added Equiv Ckts, Added FFT,VREF
figure, Corrected FCO, DCO polarity timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com