Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XF3Z Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XF3Z
Description  Rotary Frontlock Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF3Z Datasheet(HTML) 1 Page - Omron Electronics LLC

  XF3Z Datasheet HTML 1Page - Omron Electronics LLC XF3Z Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XF3Z
Rotary Frontlock Connector (0.3-mm Pitch, Lower Contact)
For FPC
High-reliability rotary-front-lock
with 0.3-mm pitch and low profile
• Ultra-slim connector with a depth of 3.5 mm.
• Wide molding wall on the rear bottom of the connector allows
greater freedom in board design.
• Slider open locking mechanism makes work efficient.
• Gold plated with an applicable FPC thickness of 0.2 mm.
• Halogen Free (*)
* OMRON uses the following standard to determine halogen-free construction:
900 ppm max. for Br, 900 ppm max. for Cl, and 1,500 ppm max. for Br+Cl
RoHS compliant
■ Ratings and Specifications
■ Materials and Finish
■ Dimensions
XF3Z-
@@55-31B
■ Ordering Information
Rated current 0.2 A AC/DC
Rated voltage 50 V AC/DC
Contact resistance 80 m
Ω max. (at 20 mV DC max., 100 mA max.)
Insulation resistance
100 M
Ω min. (at 250 V DC)
Dielectric strength
250 V AC for 1 min. (leakage current: 1 mA max.)
Insertion durability 20 times
Ambientoperatingtemperature
−55 to 85 °C (With no icing or condensation)
Housing
LCP resin (UL94 V-0)/Black
Slider
PA resin (UL94HB)/brown
Contacts
Spring copper alloy/nickel substrate (1.5
μm)
Gold-plated contacts (flash)
Hold-down
Copper alloy/tin plating (1
μm)
Pins *1
Model
Quantity per reel (unit) *2
*1.
Please consult your OMRON representative for available pin count.
Please consult your OMRON representative for the marketing dates for pin
counts in parentheses.
*2.
Please order by integer multiple of the quantity per reel.
13
XF3Z-1355-31B
3000
25
XF3Z-2555-31B
(35)
XF3Z-3555-31B
Recommended FPC Dimensions
PCB Dimensions (TOP VIEW)
(0.15)
(0.25)
B
±0.05
0.3
±0.05
0.6
±0.05
0.6
±0.05
A
±0.05
0.5
±0.05
0.3
±0.05
0.3
±0.05
0.4
±0.05
A
±0.03
B
±0.03
0.6
±0.02
0.3
±0.02
E
±0.05
0.04
0.03
0.3
Reference
pin mark
Terminal
No.1
Terminal
No.1
Terminal
No.2
Terminal
No.2
B
0.6
0.3
C
0.12
A
0.6
Housing
Slider
Hold-down
FPC insertion dimension
0.12
0.12
F
Locked
0.6
3.2
1.55
0.85
2.15
0.3
0.25
0.5
0.3
Unlocked
13
0 °
0.2
±0.03
0.03
0.04
+
0.3 -
±0.02
0.1
(0.2)
0.6
±0.07
0.3
±0.07
(0.15)
(0.05)
(0.2)
D
+
-
Effective stacking length
Effective stacking length
Table of Dimensions
Pins *1
Model
A
B
C
D
E
F
13
XF3Z-1355-31B
3.6
3.0
5.4
4.23
4.2
4.9
25
XF3Z-2555-31B
7.2
6.6
9.0
7.83
7.8
8.5
(35)
XF3Z-3555-31B
10.2
9.6
12.0 10.83 10.8 11.5


Similar Part No. - XF3Z

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF3006-VOCMC XFMRS-XF3006-VOCMC Datasheet
37Kb / 1P
COMMON MODE CHOKE
XF3006C-EP7S XFMRS-XF3006C-EP7S Datasheet
57Kb / 1P
TRANSFORMER
XF3009-VO1 XFMRS-XF3009-VO1 Datasheet
35Kb / 1P
TORODIAL INDUCTOR
XF303015-2R2M XFMRS-XF303015-2R2M Datasheet
46Kb / 1P
SMD INDUCTOR
XF30438 XFMRS-XF30438 Datasheet
42Kb / 1P
TRANSFORMER
More results

Similar Description - XF3Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF3H OMRON-XF3H Datasheet
245Kb / 4P
Rotary Frontlock Connector (0.3-mm Pitch, Lower Contact)
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
R10A1MH01 PRODUCTWELL-R10A1MH01_14 Datasheet
250Kb / 2P
ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01_14 Datasheet
270Kb / 2P
ROTARY POTENTIOMETER
R12A11V01 PRODUCTWELL-R12A11V01_14 Datasheet
297Kb / 2P
ROTARY POTENTIOMETER
R12712BS1 PRODUCTWELL-R12712BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R12723BS1 PRODUCTWELL-R12723BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R12723CS1 PRODUCTWELL-R12723CS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R16311DB1 PRODUCTWELL-R16311DB1_14 Datasheet
128Kb / 2P
ROTARY POTENTIOMETER
logo
Omron Electronics LLC
XF3M OMRON-XF3M Datasheet
399Kb / 4P
Rotary Backlock Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com