Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45CS1282 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT45CS1282
Description  128-megabit 2.7-volt Dual-interface Code Shadow DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45CS1282 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT45CS1282 Datasheet HTML 22Page - ATMEL Corporation AT45CS1282 Datasheet HTML 23Page - ATMEL Corporation AT45CS1282 Datasheet HTML 24Page - ATMEL Corporation AT45CS1282 Datasheet HTML 25Page - ATMEL Corporation AT45CS1282 Datasheet HTML 26Page - ATMEL Corporation AT45CS1282 Datasheet HTML 27Page - ATMEL Corporation AT45CS1282 Datasheet HTML 28Page - ATMEL Corporation AT45CS1282 Datasheet HTML 29Page - ATMEL Corporation AT45CS1282 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
26
AT45CS1282 [Preliminary]
3447A–DFLSH–2/04
Detailed 8-bit Read Timing – Rapid8 Mode 0
Continuous Array Read (Opcode: E8H)
Main Memory Page Read (Opcode: D2H)
I/O7-I/O0
(INPUT)
CMD
ADDR
XXX
CS
I/O7-I/O0
(OUTPUT)
CLK
12
22
23
24
25
26
27
HIGH IMPEDANCE
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA OUT
BYTE 0
OF
PAGE n+1
BYTE 1055
OF
PAGE n
tSU
tV
I/O7-I/O0
(INPUT)
CMD
ADDR
ADDR
ADDR
ADDR
XX
X
CS
I/O7-I/O0
(OUTPUT)
CLK
12345
20
21
22
23
24
25
26
27
XX
HIGH IMPEDANCE
DATA DATA DATA
DATA OUT
COMMAND OPCODE
tSU
tV
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com