Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C3256 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C3256
Description  High Performance 32Kx8 CMOS SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3256 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C3256 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C3256 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3256 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3256 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3256 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3256 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3256 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3256 Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AS7C256
AS7C256L
2
The AS7C256 is a high performance CMOS 262,144-bit
Static Random Access Memory (SRAM) organized as
32,768 words
× 8 bits. It is designed for memory applica-
tions where fast data access, low power, and simple interfac-
ing are desired.
Equal address access and cycle times (tAA, tRC, tWC) of
10/12/15/20/25/35 ns with output enable access times (tOE)
of 3/3/4/5/6/8 ns are ideal for high performance applica-
tions. A chip enable (CE) input permits easy memory
expansion with multiple-bank memory organizations.
When CE is HIGH the device enters standby mode. The
standard AS7C256 is guaranteed not to exceed 11 mW
power consumption in standby mode; the L version is guar-
anteed not to exceed 2.75 mW, and typically requires only
500
µW. The L version also offers 2.0V data retention, with
maximum power consumption in this mode of 300
µW.
A write cycle is accomplished by asserting chip enable (CE)
and write enable (WE) LOW. Data on the input pins
I/O0-I/O7 is written on the rising edge of WE (write cycle 1)
or CE (write cycle 2). To avoid bus contention, external
devices should drive I/O pins only after outputs have been
disabled with output enable (OE) or write enable (WE).
A read cycle is accomplished by asserting chip enable (CE)
and output enable (OE) LOW, with write enable (WE)
HIGH. The chip drives I/O pins with the data word refer-
enced by the input address. When chip enable or output
enable is HIGH, or write enable is LOW, output drivers stay
in high-impedance mode.
All chip inputs and outputs are TTL-compatible, and opera-
tion is from a single 5V supply. The AS7C256 is packaged
in all high volume industry standard packages.
FUNCTIONAL DESCRIPTION
.
Parameter
Symbol
Min
Max
Unit
Voltage on Any Pin Relative to GND
Vt
–0.5
+7.0
V
Power Dissipation
PD
–
1.0
W
Storage Temperature (Plastic)
Tstg
–55
+150
oC
Temperature Under Bias
Tbias
–10
+85
oC
DC Output Current
Iout
–20
mA
NOTE: Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions outside those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
CE
WE
OE
Data
Mode
HXXHigh Z
Standby (ISB, ISB1)
L
H
H
High Z
Output Disable
LH
LDout
Read
LLX
Din
Write
Key: X = Don’t Care, L = LOW, H = HIGH
ABSOLUTE MAXIMUM RATINGS
TRUTH TABLE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com