Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C3256-20 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C3256-20
Description  High Performance 32Kx8 CMOS SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3256-20 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C3256-20 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C3256-20 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3256-20 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3256-20 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3256-20 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3256-20 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3256-20 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3256-20 Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AS7C256
AS7C256L
4
Parameter
Symbol
-10
-12
-15
-20
-25
-35
Unit
Notes
Min Max Min Max Min Max Min Max Min Max Min Max
Read Cycle Time
tRC
10
–
12
–
15
–
20
–
25
–
35
–
ns
Address Access Time
tAA
–
10
–
12
–
15
–
20
–
25
–
35
ns
3
Chip Enable (CE) Access Time
tACE
–
10
–
12
–
15
–
20
–
25
–
35
ns
3
Output Enable (OE) Access Time
tOE
–3
–3
–4–
5–
6–
8
ns
Output Hold from Address Change
tOH
2–
3–
3–3
–3
–3
–
ns
5
CE LOW to Output in Low Z
tCLZ
3–
3–
3–3
–3
–3
–
ns
4, 5
CE HIGH to Output in High Z
tCHZ
–3
–3
–4–
5–
6–
8
ns
4, 5
OE LOW to Output in Low Z
tOLZ
0–
0–
0–0
–0
–0
–
ns
4, 5
OE HIGH to Output in High Z
tOHZ
–3
–3
–4–
5–
6–
8
ns
4, 5
Power Up Time
tPU
0–
0–
0–0
–0
–0
–
ns
4, 5
Power Down Time
tPD
–
10
–
12
–
15
–
20
–
25
–
35
ns
4, 5
READ CYCLE
(VCC = 5V±10%, GND = 0V, Ta = 0°C to +70°C)
3, 9
3, 6, 7, 9
TIMING WAVEFORM OF READ CYCLE 1
(Address Controlled)
Address
Dout
Data Valid
tOH
tAA
tRC
3, 6, 8, 9
TIMING WAVEFORM OF READ CYCLE 2
(CE Controlled)
Supply
Current
CE
OE
Dout
tRC
1
tOE
tOLZ
tACE
tCHZ
tCLZ
tPU
tPD
ICC
ISB
50%
50%
tOHZ
Data Valid
AS7C256-04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com