Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGF10DCT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UGF10DCT
Description  Dual Ultrafast Soft Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UGF10DCT Datasheet(HTML) 2 Page - Vishay Siliconix

  UGF10DCT Datasheet HTML 1Page - Vishay Siliconix UGF10DCT Datasheet HTML 2Page - Vishay Siliconix UGF10DCT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BYQ28E, BYQ28EF, BYQ28EB, UG10DCT, UGF10DCT, UGB10DCT Series
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88549
2
27-Jun-03
Electrical Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Maximum instantaneous forward voltage per leg (Note 4)
at IF = 10A,
TJ = 25°C
1.25
at IF = 5A,
TJ = 25°CVF
1.10
V
at IF = 5A,
TJ = 150°C
0.895
Maximum reverse current per leg
TJ = 25°C10
at working peak reverse voltage (Note 4)
TJ = 100°C
IR
200
µA
Maximum reverse recovery time per leg at
IF = 1.0A, di/dt = 100A/
µs, VR = 30V, Irr = 0.1IRM
trr
25
ns
Maximum reverse recovery time per leg at
IF = 0.5A, IR = 1.0A, Irr = 0.25A
trr
20
ns
Maximum stored charge per leg
IF = 2A, di/dt = 20A/
µs, VR = 30V, Irr = 0.1IRM
Qrr
9nC
Thermal Characteristics (TC = 25°C unless otherwise noted)
UG10
UGF10
UGB10
Parameter
Symbol
BYQ28E
BYQ28EF
BYQ28EB
Unit
Typical thermal resistance — junction to ambient
R
θJA
50
55
50
°C/W
per leg
— junction to case
R
θJC
4.5
6.7
4.5
°C/W
Notes:
(1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset
(2) Clip mounting (on case), where leads do overlap heatsink
(3) Screw mounting with 4-40 screw, where washer diameter is
≤ 4.9 mm (0.19”)
(4) Pulse test: 300
µs pulse width, 1% duty cycle
Maximum Ratings (TC = 25°C unless otherwise noted)
UG10BCT
UG10CCT
UG10DCT
Parameter
Symbol
BYQ28E-100 BYQ28E-150 BYQ28E-200
Unit
Maximum repetitive peak reverse voltage
VRRM
100
150
200
V
Working peak reverse voltage
VRWM
100
150
200
V
Maximum DC blocking voltage
VDC
100
150
200
V
Maximum average forward rectified current Total device
10
at TC = 100°C
Per leg
IF(AV)
5
A
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
55
A
on rated load (JEDEC Method) per leg
Non-repetitive peak reverse current per leg
IRSM
0.2
A
at tp= 100
µs
Electrostatic discharge capacitor voltage,
Human body model: C = 250pF, R = 1.5k
Ω
VC
8KV
Operating junction and storage temperature range
TJ, TSTG
–40 to +150
°C
RMS Isolation voltage (BYQ28EF, UGF types)
4500 (NOTE 1)
from terminals to heatsink with t = 1 second, RH
≤ 30%
VISOL
3500 (NOTE 2)
V
1500 (NOTE 3)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com