Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC595M Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC595M
Description  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC595M Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC595M Datasheet HTML 3Page - Texas Instruments CD74HC595M Datasheet HTML 4Page - Texas Instruments CD74HC595M Datasheet HTML 5Page - Texas Instruments CD74HC595M Datasheet HTML 6Page - Texas Instruments CD74HC595M Datasheet HTML 7Page - Texas Instruments CD74HC595M Datasheet HTML 8Page - Texas Instruments CD74HC595M Datasheet HTML 9Page - Texas Instruments CD74HC595M Datasheet HTML 10Page - Texas Instruments CD74HC595M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CD74HC595
8BIT SHIFT REGISTERS
WITH 3STATE OUTPUT REGISTERS
SCHS353 − JANUARY 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
TA = -55°C TO
125
°C
TA = -40°C TO
85
°C
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
4.2
5
fclock
Clock frequency
4.5 V
31
21
25
MHz
fclock
Clock frequency
6 V
36
25
29
MHz
2 V
80
120
100
SRCLK or RCLK high or low
4.5 V
16
24
20
tw
Pulse duration
SRCLK or RCLK high or low
6 V
14
20
17
ns
tw
Pulse duration
2 V
80
120
100
ns
SRCLR low
4.5 V
16
24
20
SRCLR low
6 V
14
20
17
2 V
100
150
125
SER before SRCLK
↑
4.5 V
20
30
25
SER before SRCLK
↑
6 V
17
25
21
2 V
75
113
94
SRCLK
↑ before RCLK↑†
4.5 V
15
23
19
tsu
Setup time
SRCLK
↑ before RCLK↑†
6 V
13
19
16
ns
tsu
Setup time
2 V
50
75
65
ns
SRCLR low before RCLK
↑
4.5 V
10
15
13
SRCLR low before RCLK
↑
6 V
9
13
11
2 V
50
75
60
SRCLR high (inactive) before SRCLK
↑
4.5 V
10
15
12
SRCLR high (inactive) before SRCLK
↑
6 V
9
13
11
2 V
0
0
0
th
Hold time, SER after SRCLK
↑
4.5 V
0
0
0
ns
th
Hold time, SER after SRCLK
6 V
0
0
0
ns
† This setup time allows the storage register to receive stable data from the shift register. The clocks can be tied together, in which case the shift
register is one clock pulse ahead of the storage register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com