Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1943B Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 2SA1943B
Description  Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SA1943B Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SA1943B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
R
2SA1943B
版本:
201601A
4/5
TO-3PB
单位 Unit :mm
外形尺寸 PACKAGE MECHANICAL DATA
TO-3P(LH)
单位 Unit :mm
符号
尺寸(
mm)
A
4.60-5.00
B
2.90-3.20
B1
1.90-2.20
b
0.90-1.10
c
0.50-0.70
D
19.40-20.40
E
15.40-15.80
e
5.45(TYP)
F
1.40-1.60
L
19.50-20.50
L2
3.30-3.70
P
3.10-3.50
Q
4.90-5.10
Q1
1.30-1.50
符号
尺寸(
mm)
A
4.70-5.30
B1
2.80-3.20
B2
2.30-2.70
b
0.80-1.25
c
0.59-0.61
D
25.5-26.5
E
19.5-20.5
e
5.45(typ)
H1
6.00-6.10
H2
8.95-9.05
L
20.0-20.4
Q
2.75-2.85
P1
3.45-3.55
P2
3.20-3.30



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com