Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3CG5401 Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3CG5401
Description  High frequency switching power supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3CG5401 Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3CG5401 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CG5401 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CG5401 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CG5401 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CG5401 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CG5401 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
R
3CG5401
版本:201509A
4/6
外形尺寸 PACKAGE MECHANICAL DATA
TO-92
单位 Unit :mm
符号
Symbol
尺寸(mm)
Size(mm)
A
3.30-3.90
b
0.35-0.55
c
0.31-0.51
D
4.30-4.90
E
4.30-4.90
e
1.17-1.37
L
12.50-15.50
Q1
0.85-1.00
符号
Symbol
尺寸(mm)
Size(mm)
A
4.30-4.90
A1
4.30-4.90
A2
3.30-3.90
c
TYP 0.45
F1/F2
2.20-2.80
W1
17.5-18.5
W2
5.50-6.50
H1
22.0-27.0
H2
18.0-20.0
H3
15.0-17.0
H4
8.50-9.50
P1
12.5-12.9
P2
6.00-6.70
P3
12.5-12.9
T
0.40-0.45
∮D
3.80-4.20
△H
0.00-1.00



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com