Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3CT4S Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3CT4S
Description  AC switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3CT4S Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3CT4S Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT4S Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT4S Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT4S Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT4S Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT4S Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT4S Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT4S Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
版本:
201510H
1/8
双向晶闸管
TRIACS
3CT4S
主要参数
MAIN CHARACTERISTICS
IT(RMS)
4A
VDRM
600V or 800V
IGT
10mA
用途
APPLICATIONS
交流开关
AC switching
相位控制
Phase control
产品特性
FEATURES
玻璃钝化芯片,
高可靠性和一
致性
Glass-passivated mesa
chip for reliability and
uniform
低通态电流和高
浪涌电流能力
Low on-state voltage and
High ITSM
环保 RoHS 产品
RoHS products
封装
Package
序号
Pin
引线名称
Description
1
主电极
1
MT1
2
主电极
2
MT2
3
门极
G
订货信息
ORDER MESSAGES
订 货 型 号
Order code
Marking
Package
Packaging
3CT4S-O-Z-N-C
3CT4S
TO-220
袋装
Bag
3CT4S-O-HF-N-B
3CT4S
TO-220HF
条管
Tube
3CT4S-O-M-N-C
3CT4S
TO-126
袋装
Bag
TO-220
TO-220HF
TO-126


Similar Part No. - 3CT4S

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3CT4A JSMC-3CT4A Datasheet
341Kb / 5P
Half AC switching
3CT4A-O-M-N-C JSMC-3CT4A-O-M-N-C Datasheet
341Kb / 5P
Half AC switching
3CT4A-O-Z-N-C JSMC-3CT4A-O-Z-N-C Datasheet
341Kb / 5P
Half AC switching
More results

Similar Description - 3CT4S

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3CT1S JSMC-3CT1S Datasheet
195Kb / 5P
AC switching
3CT25S JSMC-3CT25S Datasheet
343Kb / 9P
AC switching
3FT1N2 JSMC-3FT1N2 Datasheet
317Kb / 7P
AC switching
3FT1T1 JSMC-3FT1T1 Datasheet
264Kb / 5P
AC switching
3FT4C JSMC-3FT4C Datasheet
289Kb / 9P
AC switching
BT131 JSMC-BT131 Datasheet
313Kb / 6P
AC switching
BT134 JSMC-BT134 Datasheet
369Kb / 6P
AC switching
BT137 JSMC-BT137 Datasheet
301Kb / 7P
AC switching
MAC97A6 JSMC-MAC97A6 Datasheet
262Kb / 5P
AC switching
T0435NU JSMC-T0435NU Datasheet
287Kb / 6P
AC switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com