Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9101 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS9101
Description  Temperature iButton
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9101 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS9101 Datasheet HTML 1Page - Dallas Semiconductor DS9101 Datasheet HTML 2Page - Dallas Semiconductor DS9101 Datasheet HTML 3Page - Dallas Semiconductor DS9101 Datasheet HTML 4Page - Dallas Semiconductor DS9101 Datasheet HTML 5Page - Dallas Semiconductor DS9101 Datasheet HTML 6Page - Dallas Semiconductor DS9101 Datasheet HTML 7Page - Dallas Semiconductor DS9101 Datasheet HTML 8Page - Dallas Semiconductor DS9101 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DS1920
5 of 22
The most significant (sign) bit is duplicated into all of the bits in the upper MSB of the 2-byte
temperature register in memory. This “sign-extension” yields the 16-bit temperature readings as shown in
Table 1.
Higher resolutions may be obtained by the following procedure. First, read the temperature, and truncate
the 0.5°C bit (the LSB) from the read value. This value is TEMP_READ. The value left in the counter
may then be read. This value is the count remaining (COUNT_REMAIN) after the gate period has
ceased. The last value needed is the number of counts per degree C (COUNT_PER_C) at that
temperature. The actual temperature may be then be calculated by the user using the following formula:
TEMPERATURE = TEMP_READ - 0.25 +
C
COUNT_PER_
IN)
COUNT_REMA
-
_C
(COUNT_PER
TEMPERATURE MEASURING CIRCUITRY Figure 3
TEMPERATURE/DATA RELATIONSHIPS Table 1
TEMPERATURE
DIGITAL OUTPUT
(BINARY)
DIGITAL OUTPUT
(HEX)
+100
°C
00000000 11001000
00C8H
+25
°C
00000000 00110010
0032H
+½
°C
00000000 00000001
0001H
+0
°C
00000000 00000000
0000H
-½
°C
11111111 11111111
FFFFH
-25
°C
11111111 11001110
FFCEH
-55
°C
11111111 10010010
FF92H
SET/CLEAR
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com